Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEH15US03 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AEH15US03
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AEH15US03 Datasheet(HTML) 2 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
1.18
(30.0)
AC Input
IEC 320 Inlet
2.56 (65.0)
4.17 (106.0)
AEH
08-Nov-07
Models and Ratings
Output
Power
Output Voltage
Nominal
(1)
Output Current
Total
Regulation
(2)
Model
Number
Minimum
Maximum
8.25 W
3.3 V
0.0 A
2.50 A
7%
AEH15US03
12.00 W
5.0 V
0.0 A
2.40 A
5%
AEH15US05
12.00 W
7.0 V
0.0 A
1.70 A
5%
AEH15US07
15.00 W
10.0 V
0.0 A
1.50 A
5%
AEH15US10
15.00 W
12.0 V
0.0 A
1.25 A
5%
AEH15US12
15.00 W
15.0 V
0.0 A
1.00 A
5%
AEH15US15
15.00 W
18.0 V
0.0 A
0.80 A
5%
AEH15US18
15.00 W
24.0 V
0.0 A
0.62 A
5%
AEH15US24
15.00 W
30.0 V
0.0 A
0.50 A
5%
AEH15US30
15.00 W
36.0 V
0.0 A
0.40 A
3%
AEH15US36
15.00 W
48.0 V
0.0 A
0.30 A
3%
AEH15US48
Notes
1. Factory-set non-standard outputs available in single output versions.
2. Total regulation includes initial set accuracy, line and load regulation.
1.42
(36.0)
AC Input
IEC 320 Inlet
1.5
(38.0)
3.58 (91.0)
Models and Ratings
Output
Power
Output Voltage
Nominal
(1)
Output Current
Total
Regulation
(2)
Model
Number
Minimum
Maximum
15.00 W
5.0 V
0.0 A
3.00 A
5%
AEH24US05
20.00 W
7.0 V
0.0 A
2.80 A
5%
AEH24US07
22.00 W
10.0 V
0.0 A
2.20 A
5%
AEH24US10
24.00 W
12.0 V
0.0 A
2.00 A
5%
AEH24US12
24.00 W
15.0 V
0.0 A
1.60 A
5%
AEH24US15
24.00 W
18.0 V
0.0 A
1.30 A
5%
AEH24US18
24.00 W
24.0 V
0.0 A
1.00 A
3%
AEH24US24
24.00 W
30.0 V
0.0 A
0.80 A
3%
AEH24US30
24.00 W
36.0 V
0.0 A
0.66 A
3%
AEH24US36
24.00 W
48.0 V
0.0 A
0.50 A
2%
AEH24US48
Notes
1. Factory-set non-standard outputs available in single output versions.
2. Total regulation includes initial set accuracy, line and load regulation.
Mechanical Details
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output connector is 5.5mm outer diameter barrel.
Inner diameter is 2.5mm with centre positive (+) and
outer shell negative (-).
4. Output cable length is 72.0 (1830).
5. Optional output connectors available. Contact sales
office.
6. Weight 0.3 lb (135 g) approx.
7. For UK mains lead order part: UK-MAINS-IEC.
For European mains lead order part: EU-MAINS-IEC.
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output connector is 5.5mm outer diameter barrel.
Inner diameter is 2.5mm with centre positive (+) and
outer shell negative (-).
4. Output cable length is 72.0 (1830).
5. Optional output connectors available. Contact sales
office.
6. Weight 0.47 lb (215 g) approx.
7. For UK mains lead order part: UK-MAINS-IEC.
For European mains lead order part: EU-MAINS-IEC.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn