Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6742HL Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SG6742HL
Description  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6742HL Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SG6742HL Datasheet HTML 5Page - Fairchild Semiconductor SG6742HL Datasheet HTML 6Page - Fairchild Semiconductor SG6742HL Datasheet HTML 7Page - Fairchild Semiconductor SG6742HL Datasheet HTML 8Page - Fairchild Semiconductor SG6742HL Datasheet HTML 9Page - Fairchild Semiconductor SG6742HL Datasheet HTML 10Page - Fairchild Semiconductor SG6742HL Datasheet HTML 11Page - Fairchild Semiconductor SG6742HL Datasheet HTML 12Page - Fairchild Semiconductor SG6742HL Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6742HL/HR • Rev. 1.0.4
9
Functional Description
Startup Current
For startup, the HV pin is connected to the line input or
bulk capacitor through an external diode and resistor,
RHV, (1N4007 / 100KΩ recommended). Typical startup
current drawn from pin HV is 2.3mA and charges the
hold-up capacitor through the diode and resistor. When
the VDD capacitor level reaches VDD-ON, the startup
current switches off. At this moment, the VDD capacitor
only supplies the SG6742HL/HR to keep the VDD before
the auxiliary winding of the main transformer to provide
the operating current.
Operating Current
Operating current is around 2.7mA. The low operating
current enables better efficiency and reduces the
requirement of VDD hold-up capacitance.
Green-Mode Operation
The proprietary green-mode function provides an off-
time modulation to reduce the switching frequency in
the light-load and no-load conditions. The on time is
limited for better abnormal or brownout protection. VFB,
which is derived from the voltage feedback loop, is
taken as the reference. Once VFB is lower than the
threshold voltage, switching frequency is continuously
decreased to the minimum green-mode frequency of
around 22KHz.
Current Sensing / PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the
SENSE pin. The PWM duty cycle is determined by this
current sense signal and VFB, the feedback voltage.
When the voltage on SENSE pin reaches around
VCOMP=(VFB–0.6)/4, a switch cycle is terminated
immediately. VCOMP is internally clamped to a variable
voltage around 0.85V for output power limit.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on
spike occurs on the sense-resistor. To avoid premature
termination of the switching pulse, a leading-edge
blanking time is built in. During this blanking period, the
current-limit comparator is disabled and cannot switch
off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds are fixed internally
at 15.5V and 9.5V. During startup, the hold-up capacitor
must be charged to 15.5V through the startup resistor to
enable the IC. The hold-up capacitor continues to
supply VDD before the energy can be delivered from
auxiliary winding of the main transformer. VDD must not
drop below 9.5V during this startup process. This UVLO
hysteresis window ensures that hold-up capacitor is
adequate to supply VDD during startup.
Gate Output / Soft Driving
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
18V Zener diode to protect power MOSFET transistors
against undesirable gate over voltage. A soft driving
waveform is implemented to minimize EMI.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at startup. The built-in 6ms soft-start
circuit significantly reduces the startup current spike
and output voltage overshoot.
Built-in Slope Compensation
The sensed voltage across the current-sense resistor is
used for peak-current-mode control and pulse-by-pulse
current limiting. Built-in slope compensation improves
stability
and
prevents
sub-harmonic
oscillation.
SG6742HL/HR inserts a synchronized positive-going
ramp at every switching cycle.
Constant Output Power Limit
When the SENSE voltage, across the sense resistor
RS, reaches the threshold voltage, around 1V, the
output GATE drive is turned off after a small delay, tPD.
This delay introduces an additional current proportional
to tPD • VIN / LP. Since the delay is nearly constant
regardless of the input voltage VIN, higher input voltage
results in a larger additional current and the output
power limit is higher than under low input line voltage.
To compensate this variation for wide AC input range, a
sawtooth power-limiter is designed to solve the unequal
power-limit problem. The power limiter is designed as a
positive ramp signal fed to the inverting input of the
OCP comparator. This results in a lower current limit at
high-line inputs than at low-line inputs.
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection has been built in to prevent
damage due to abnormal conditions. If the VDD voltage
is over the over-voltage protection voltage (VDD-OVP) and
lasts for tD-VDDOVP, the PWM pulses are disabled until
the VDD voltage drops below the UVLO, then starts
again. Over-voltage conditions are usually caused by
open feedback loops.


Similar Part No. - SG6742HL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6742HL FAIRCHILD-SG6742HL Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6742HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com