Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEH45US02 Datasheet(PDF) 4 Page - XP Power Limited

Part No. AEH45US02
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AEH45US02 Datasheet(HTML) 4 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17-Apr-07
AEH130
Models and Ratings
Mechanical Details
Notes
Output
Power
Max
Output 1(1,2)
Output 2(1,2)
Model
Number
Voltage
Nom.
Current
Total
Regulation
Voltage
Nom.
Current
Total
Regulation
Min
Max
Min
Max
90 W
3.3 V
0.0 A
27.2 A
7%
AEH130PS3V3
115 W
5.0 V
0.0 A
23.0 A
7%
AEH130PS05
130 W
7.0 V
0.0 A
18.5 A
7%
AEH130PS07
130 W
9.0 V
0.0 A
14.4 A
5%
AEH130PS09
130 W
12.0 V
0.0 A
10.8 A
5%
AEH130PS12
130 W
15.0 V
0.0 A
8.6 A
5%
AEH130PS15
130 W
18.0 V
0.0 A
7.2 A
5%
AEH130PS18
130 W
24.0 V
0.0 A
5.4 A
5%
AEH130PS24
130 W
28.0 V
0.0 A
4.6 A
5%
AEH130PS28
130 W
36.0 V
0.0 A
3.6 A
5%
AEH130PS36
130 W
48.0 V
0.0 A
2.7 A
3%
AEH130PS48
130 W
54.0 V
0.0 A
2.4 A
3%
AEH130PS54
90 W
+3.3 V
4.0 A
20.0 A
10%
+12.0 V
0.2 A
2.0 A
5%
AEH130PD01
120 W
+5.0 V
4.0 A
20.0 A
7%
+12.0 V
0.2 A
2.0 A
5%
AEH130PD02
120 W
+5.0 V
4.0 A
20.0 A
7%
+15.0 V
0.2 A
2.0 A
5%
AEH130PD03
120 W
+5.0 V
4.0 A
20.0 A
7%
+24.0 V
0.2 A
2.0 A
5%
AEH130PD04
1. Factory-set non-standard outputs available in single output versions.
2. Total regulation includes initial set accuracy, line and load regulation.
7.71 (196.0) ±1.0
3.46 (88.0)
0.85
(21.5)
1.14
(29.0)
AC Input
IEC 320-C14 Inlet
3
1
2
5
8
7
6
4
PIN CONNECTIONS
Pin
SINGLE
DUAL
Shell
GND
GND
1
Common
Common
2
Common
Output 2
3
Output
Output 1
4
Common
Output 2
5
Output
Output 1
6
Common
Common
7
Output
Output 1
8
Output
Common
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output cable length is 48” (1220mm) approx.
4. Optional output connectors available. Contact sales office.
5. Weight 1.9 lb (860 g) approx.
6. For UK mains lead order part: UK-MAINS-IEC, For European mains lead order part: EU-MAINS-IEC.
Notes


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn