Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6742HLSY Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG6742HLSY
Description  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6742HLSY Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SG6742HLSY Datasheet HTML 3Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 4Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 5Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 6Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 7Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 8Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 9Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 10Page - Fairchild Semiconductor SG6742HLSY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6742HL/HR • Rev. 1.0.4
7
Typical Performance Characteristics
0
5
10
15
20
25
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
0
1
2
3
4
5
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
Figure 6. Startup Current (IDD-ST) vs. Temperature
Figure 7. Operation Supply Current (IDD-OP)
vs. Temperature
13
14
15
16
17
18
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
7
8
9
10
11
12
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
Figure 8. Start Threshold Voltage (VDD-ON)
vs. Temperature
Figure 9. Minimum Operating Voltage (VDD-OFF)
vs. Temperature
0
1
2
3
4
5
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
0
2
4
6
8
10
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
Figure 10. Supply Current Drawn from HV Pin (IHV)
vs. Temperature
Figure 11. HV Pin Leakage Current after Startup
(IHV-LC) vs. Temperature
95
97
99
101
103
105
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
60
62
64
66
68
70
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
Figure 12. Frequency in Normal Mode (fOSC)
vs. Temperature
Figure 13. Maximum Duty Cycle (DCYMAX)
vs. Temperature


Similar Part No. - SG6742HLSY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6742HL FAIRCHILD-SG6742HL Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6742HLSY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com