Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AED36US05 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AED36US05
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AED36US05 Datasheet(HTML) 2 Page - XP Power Limited

  AED36US05 Datasheet HTML 1Page - XP Power Limited AED36US05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
AED Series
Models and Ratings
Output Power
Maximum
Output Voltage
Nominal
Output Current
Maximum
Load
Regulation(1)
Model
Number
20 W
5.0 V
4.00 A
±6%
AED36US05
27 W
9.0 V
3.00 A
±5%
AED36US09
30 W
12.0 V
2.50 A
±5%
AED36US12
32 W
13.5 V
2.40 A
±5%
AED36US13
36 W
15.0 V
2.40 A
±3%
AED36US15
36 W
18.0 V
2.00 A
±2%
AED36US18
36 W
24.0 V
1.50 A
±2%
AED36US24
36 W
48.0 V
0.75 A
±2%
AED36US48
30 W
5.0 V
6.00 A
±6%
AED45US05
45 W
12.0 V
3.75 A
±5%
AED45US12
45 W
15.0 V
3.00 A
±3%
AED45US15
45 W
18.5 V
2.50 A
±2%
AED45US18
45 W
19.0 V
2.37 A
±2%
AED45US19
45 W
24.0 V
1.88 A
±2%
AED45US24
48 W
48.0 V
1.00 A
±2%
AED45US48
66 W
12.0 V
5.50 A
±5%
AED70US12^
69 W
15.0 V
4.60 A
±3%
AED70US15^
70 W
18.0 V
3.90 A
±2%
AED70US18^
72 W
19.0 V
3.70 A
±2%
AED70US19^
72 W
24.0 V
3.00 A
±2%
AED70US24^
72 W
48.0 V
1.50 A
±2%
AED70US48^
100 W
12.0 V
8.33 A
±4%
AED100US12†^
100 W
15.0 V
6.67 A
±4%
AED100US15†^
100 W
18.0 V
5.56 A
±2%
AED100US18†^
100 W
19.0 V
5.26 A
±2%
AED100US19†^
100 W
24.0 V
4.17 A
±2%
AED100US24†^
100 W
48.0 V
2.08 A
±2%
AED100US48†^
Mechanical Details
Notes
1. Load regulation is measured from 60% to full load and from 60% to 20% load (60% ±40% full load).
2. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
Available from Farnell. See pages 204-206.
^ Available from Newark. See page 207-208.
4.33
(110)
0.79
(20)
1.97 (50)
IEC320-C8
36 Watt Models
45-100 Watt Models
DIMENSIONS
WEIGHT
lb (g)
A
B
C
45 W
2.29 (58.0)
5.20 (132.0)
1.18 (30.0)
0.73 (330)
70 W
2.29 (58.0)
5.20 (132.0)
1.18 (30.0)
0.77 (350)
100 W
2.76 (70.0)
5.91 (150.0)
1.38 (35.0)
1.32 (600)
Weight: 0.37 lbs (170 g) approx.
Power Cord Order Part:
UK - UK-MAINS-8
European - EU-MAINS-8
US - US-MAINS-8
All dimensions shown in inches (mm).
B
A
C
IEC320-C14
Notes
Output connector is 5.5mm dia. outer barrel, inner dia. is 2.5mm with a center + and outer shell - polarity.
Optional output connectors available.
Output cable is 48” (1220mm) approx.
Power Cord Order Part:
UK - UK-MAINS-IEC
European - EU-MAINS-IEC
US - US-MAINS-IEC


Similar Part No. - AED36US05

ManufacturerPart No.DatasheetDescription
XP Power Limited
XP Power Limited
AED36US05 XPPOWER-AED36US05 Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
More results

Similar Description - AED36US05

ManufacturerPart No.DatasheetDescription
TRACO Electronic AG
TRACO Electronic AG
TOP100 TRACOPOWER-TOP100 Datasheet
424Kb / 4P
   AC/DC Power Supplies
TOP200 TRACOPOWER-TOP200 Datasheet
285Kb / 4P
   AC/DC Power Supplies
Touchstone Semiconductor Inc
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
XP Power Limited
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz