Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS40US03 Datasheet(PDF) 2 Page - XP Power Limited

Part No. ACS40US03
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ACS40US03 Datasheet(HTML) 2 Page - XP Power Limited

  ACS40US03 Datasheet HTML 1Page - XP Power Limited ACS40US03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACS
07-Nov-05
Models and Ratings
1. All dimensions shown in inches (mm).
2. Input connector mates with Molex housing 09-50-3031 and Molex 2878 series crimp terminal.
Output connector mates with Molex housing 90-50-3041 and Molex 2878 series crimp terminal.
3. Loom kits with 300 mm wire available. Order part number ACS40/60 LOOM KIT.
4. For mating connectors only, order part number ACS20-60 CONKIT.
5. Covers available. Order part number ACS40/60 COVER (114 x 64 x 38.5mm). To receive unit with cover fitted, add suffix ‘-C’ to model number.
(-) Vout
(+) Vout
3.70 (94.0)
1.20
(30.48)
4.00 (101.6)
N
L
0.125 (3.17)
(4 Places)
0.15
(3.8)
1.70
(43.2)
2.00
(50.8)
0.15
(3.8)
Output Power
Output
Voltage
Input Current
Efficiency
Model
Number
Nominal
Peak(1)
40 W
3.3 V
6.000 A
7.200 A
74%
ACS40US03
5.0 V
6.000 A
7.200 A
78%
ACS40US05
9.0 V
4.450 A
5.340 A
82%
ACS40US09
12.0 V
3.340 A
4.000 A
84%
ACS40US12
15.0 V
2.670 A
3.200 A
85%
ACS40US15
24.0 V
1.670 A
2.000 A
86%
ACS40US24
36.0 V
1.110 A
1.330 A
87%
ACS40US36
48.0 V
0.834 A
1.000 A
88%
ACS40US48
60 W
3.3 V
8.000 A
8.500 A
74%
ACS60US03
5.0 V
8.000 A
9.000 A
78%
ACS60US05
9.0 V
6.670 A
8.000 A
82%
ACS60US09
12.0 V
5.000 A
6.000 A
84%
ACS60US12
15.0 V
4.000 A
4.800 A
85%
ACS60US15
24.0 V
2.500 A
3.000 A
86%
ACS60US24
36.0 V
1.670 A
2.000 A
87%
ACS60US36
48.0 V
1.250 A
1.500 A
88%
ACS60US48
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%.
Mechanical Details
Notes


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PLP75 AC-DC power supplies suited for telecom 1  2  3  4  5  More Power-One
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
NLS110-9602J 80-110 W AC/DC Universal Input Switch Mode Power Supplies 1  2  3  Emerson Network Power
MMK320S Medical Grade 300 Watt Enclosed Switching Power Supplies 1  2  3  Astrodyne Corporation
SPU65 65W Desktop Switching Power Supplies 1  2  3  4  Astrodyne Corporation
NTE1337 Integrated Circuit Module Hybrid Audio Power Amp 70 Watt 2 Power Supplies Required 1  2  NTE Electronics
MAA300 Switching Power Supplies МАА Series 1  2  3  4  5  More List of Unclassifed Manufacturers
SPAC265-3W AC-DC switch mode power supply 1  2  3  4  5  More STMicroelectronics
MAA50 Switching Power Supplies 1  2  3  4  5  List of Unclassifed Manufacturers
MCA-5 5W Ultraminiature Modular Switching Power Supplies 1  2  3  4  5  Astrodyne Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn