Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD-40PC-1-YS-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DSD-40PC-1-YS-C
Description  4쩍 Digit, LED Display Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DSD-40PC-1-YS-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DSD-40PC-1-YS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DSD-40PC-1-YS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DSD-40PC-1-YS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DSD-40PC-1-YS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DSD-40PC-1-YS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DSD-40PC-1-YS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V using the single-ended input
circuit, unless otherwise noted.
Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11) with (–)
INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected (see Figure 1).
Voltages applied to pin 12 should not exceed the supply voltage.
See Technical Notes.
BCD outputs are optional and must be specified in the part number.
See Ordering Information.
Includes high-intensity and BCD-output models.
1. ANALOG COMMON (Pin 10): This pin is an internal, low-noise
ground for the DMS-40PC. It is internally connected to pin 3
(5V RETURN). Do not connect pin 10 to either pin 3 or your system
ground as this will create a ground loop and possibly result in errone-
ous readings.
2. REFERENCE INPUT/OUTPUT (Pin 7): This pin accesses the meter’s
internal reference and is used during the factory calibration proce-
dure. Pin 7 should be left open in most common applications. It can
be used in certain “ratiometric” applications in which it is desirable
for the meter’s reference to track an external reference. See Ap Note
3 in the DATEL Panel Meter Catalog for more details.
3. DISPLAY TEST (Pin 2): Connecting pin 2 to ground (pin 3, 5V
RETURN) will activate all LED segments, and the display will read
“–18888” regardless of the actual applied input. To reduce self-heat-
ing, the display should not be left in the “test” mode for more than 10
seconds. This pin should be left open if unused.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-40PC-1
±2
Volts
DMS-40PC-2
±20
Volts
DMS-40PC-3
±200
Volts
Input Impedence:
DMS-40PC-1
100
1000
DMS-40PC-2, -3
0.8
1
Overvoltage Protection
±250
Volts
Common Mode Voltage Range
±2
Volts
CMRR (dc to 60Hz)
86
dB
Control Inputs
Decimal Pt. Placement (Pins 4-6, 8)
Tie to pin 3 to activate
Display Test (Pin 2)
Tie to pin 3 to activate all segments
Display Hold (Pin 9)
Tie to pin 3 to hold last reading
BCD Outputs
Logic Levels (1 LSTTL load max.):
Logic “1”
+2.4
Volts
Logic “2”
+0.4
+0.8
Volts
Performance
Sampling Rate
2.5 reading per second
Accuracy (3 minute warm-up):
DMS-40PC-1 (Vin = +1.9V)
±2
±3
Counts
DMS-40PC-2 (Vin = +19V)
±3
±4
Counts
DMS-40PC-3 (Vin = +190V)
±3
±4
Counts
Zero Reading (Vin = 0 Volts)
“–001”
“000”
“001”
Temperature Drift (0 = +50°C)
DMS-40PC-1
±0.4
±1
Cnts/°C
DMS-40PC-2, -3
±0.4
±1.5
Cnts/°C
Power Supply Requirements
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
Standard Models
+100
+140
mA
Low-Power Models
+35
+50
mA
Display
Display Type and Size
4½ digit, 0.52"/13.2mm high LED
Polarity Indication
Autopolarity ("–" for negative Vin)
Overrange Indication
"–0000" (flashing) for negative Vin
"0000" (flashing) for positive Vin
Physical/Environmental
Operating Temperature
0
+50
°C
Storage Temperature
–20
+75
°C
Accessories:
DMS-30-CP
Panel cutout punch
DMS-BZL1-C
DMS-40 bezel assembly
DMS-BZL2-C
DMS-40 bezel assembly with sealing gasket
DMS-EB-C
Application/evaluation board with standard
MOLEX connector, decimal point solder pads
and attenuation resistor pads.
BCD Output Models:
BCD outputs are only available on standard red meters.
DMS-40PC-1-RS-BCD-C for ±2V input range
DMS-40PC-2-RS-BCD-C for ±20V input range
DMS-40PC-3-RS-BCD-C for ±200V input range
DMS-40PC-1-RL-BCD-C for ±2V input range
DMS-40PC-2-RL-BCD-C for ±20V input range
DMS-40PC-3-RL-BCD-C for ±200V input range
DMS-40PC - 1 - R S - C
LED Color:
GS = Standard Green
RH = High-Intensity Red
RL = Low-Power Red
RS = Standard Red
YS = Standard Yellow
Input Range:
1 = ±2V
2 = ±20V
3 = ±200V
A panel-mount retaining clip is supplied with each model.
Ordering Information
Add -C for RoHS
Humidity (non-condensing)
0
95
%
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
MPM_DMS-40PC.C03 Page 2 of 6
DMS-40PC Series
4½ Digit, LED Display Digital Panel Voltmeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
TECHNICAL NOTES


Similar Part No. - DSD-40PC-1-YS-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSD-40BCD ETC1-DSD-40BCD Datasheet
144Kb / 4P
   Miniature 4 1/2 Digit, BCD Input Slave LED Display
logo
Murata Power Solutions ...
DSD-40BCD MURATA-PS-DSD-40BCD Datasheet
192Kb / 5P
   Miniature 4쩍 Digit, BCD Input, Slave LED Display
logo
List of Unclassifed Man...
DSD-40BCD-GS ETC1-DSD-40BCD-GS Datasheet
144Kb / 4P
   Miniature 4 1/2 Digit, BCD Input Slave LED Display
logo
Murata Power Solutions ...
DSD-40BCD-GS-C MURATA-PS-DSD-40BCD-GS-C Datasheet
192Kb / 5P
   Miniature 4쩍 Digit, BCD Input, Slave LED Display
logo
List of Unclassifed Man...
DSD-40BCD-RL ETC1-DSD-40BCD-RL Datasheet
144Kb / 4P
   Miniature 4 1/2 Digit, BCD Input Slave LED Display
More results

Similar Description - DSD-40PC-1-YS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com