Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-40PC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMS-40PC
Description  4쩍 Digit, LED Display Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-40PC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMS-40PC Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-40PC Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-40PC Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-40PC Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-40PC Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-40PC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5. Engineering Scaling and Input Attenuation: In many applications,
the input signal must be scaled, or divided down, before being applied
to the DMS-40PC. In some situations, the input signal exceeds the
full-scale range of the meter, and in other applications, a direct
one-to-one relation does not exist between the input voltage and
the desired display reading. For an example of the second situation,
assume an input voltage of 1.0Vdc is required to display a reading of
“7500” when applied to a ±2V input meter. An input divider circuit,
constructed with two series resistors with an output-to-input ratio of
0.75, will scale the 1.0V signal down to 0.75V.
Engineering scaling and input attenuation are discussed in Ap Note 4
of the DATEL Digital Panel Voltmeter Catalog. Compensating for inputs
which have a zero offset is also discussed.
6. BCD Outputs (DMS-40PC-X-RS and -RL-BCD Models Only):
Models with a “-BCD” suffix have 12 extra output pins, labeled
A through L (6 per side), that provide the following information: mul-
tiplexed serial BCD data, digit drive, and polarity indication. The data
present on pins A - L simultaneously drives the meter’s internal LED
display. All functions on pins A - L are 5V CMOS compatible, however,
they are only rated to drive one, 74LS series, TTL load. CMOS logic
IC’s, for example 74HC or 74HCT series devices, should be used when
more fan-out capability is required.
As the timing diagram in Figure 5 indicates, 100Hz is the optimum
display scan rate when the BCD outputs are used to drive external
LED displays. Faster scan rates, while permissible, are not necessary.
Slower scanning, however, may result in noticeable “flickering” of
the display. Common anode LED’s, combined with a 74LS247 BCD
to seven-segment decoder, is the simplest way of implementing an
external display. A seventy-five to one-hundred Ohm resistor on each
LS247 segment-drive output provides adequate display brightness.
The functions of pins A - L are listed below:
BCD DATA (pins I - L): Four lines are used for BCD (Binary Coded
Decimal) data outputs, representing the numbers 0 - 9. Positive-logic
convention (a high represents a “1”) is used.
DIGIT DRIVE ( pins A - E): These five outputs, when gated with STROBE,
can be used to direct the BCD DATA into external latches. DIGIT DRIVE
outputs may also be connected directly to the bases of NPN transistors
in remote-display configurations. The digits are scanned right-to-left, i.e.,
MSD (DIGIT 1 DRIVE) to LSD (DIGIT 5 DRIVE).
BUSY (pin G): This is a status pin that goes high at the start of an ana-
log-to-digital (A/D) conversion cycle and remains high until the conver-
sion ends.
STROBE (pin H): A string of five sequential, active-low, STROBE pulses
are output (after BUSY goes low) indicating the end of a conversion and
the availability of new data. The 5 STROBE pulses occur only once per
conversion, or 2.5 times each second. STROBE can be used to latch the
BCD data (on pins I - L) into external latches. Either edge can be used
since STROBE (~ 5μsec wide) is active only in the center of the cor-
responding DIGIT DRIVE and BCD DATA outputs.
POLARITY (pin F): This pin, which is also used inside the DMS-40PC to
drive the negative-sign segment, indicates whether the last input signal
conversion was positive (POLARITY set high) or negative (POLARITY set
low). POLARITY, unlike BCD DATA, is not multiplexed. For data latching
purposes, POLARITY should be sampled during the STROBE pulse for
digit 1 (most significant digit).
Figure 6. BCD Data Timing Diagram
DIGIT DRIVE 1
(MSD)
Data from
Previous Conversion
DIGIT DRIVE 2
DIGIT DRIVE 3
DIGIT DRIVE 4
DIGIT DRIVE 5
(LSD)
STROBE OUT
BCD DATA
(4 LINES)
Approx. 5μsec
5 Strobes Only Per Conversion
Approx. 2msec
Approx. 2msec
Approx. 8msec
BUSY
1
MSD
23
4
5
LSD
12
3
4
5
MPM_DMS-40PC.C03 Page 5 of 6
DMS-40PC Series
4½ Digit, LED Display Digital Panel Voltmeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
APPLICATIONS


Similar Part No. - DMS-40PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
518Kb / 6P
   4½ Digit, LED Display Digital Panel Voltmeters
019
logo
List of Unclassifed Man...
DMS-40PC-1 ETC1-DMS-40PC-1 Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
DMS-40PC-1-RL-BCD ETC1-DMS-40PC-1-RL-BCD Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC-1-RL-BCD-C MURATA-PS-DMS-40PC-1-RL-BCD-C Datasheet
518Kb / 6P
   4½ Digit, LED Display Digital Panel Voltmeters
019
More results

Similar Description - DMS-40PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com