Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-40LCD-4 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-40LCD-4
Description  Ultra-Low 2.9V Loop-Drop 4쩍 Digit LCD Display Process Monitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-40LCD-4 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-40LCD-4 Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-40LCD-4 Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-40LCD-4 Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-40LCD-4 Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-40LCD-4 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
DMS-40LCD-4/20S Series
Ultra-Low 2.9V Loop-Drop 4½ Digit
LCD Display Process Monitor
MPM_DMS401LCD-420S.D02 Page 2 of 5
TECHNICAL NOTES
DECIMAL POINT SETTINGS
Performance/Functional Specifications
Typical at TA = +25°C, unless otherwise noted.
(1) Full Scale Input: The Display readings shown in Table 1 can typically
be obtained with transmitters having a low-level output of 3.8 to 4.3mA
and a full-scale output of 19.4 to 20.4mA. When using a transmitter
whose output falls outside these ranges and the desired display read-
ings are close to the upper or lower adjustment limits of the selected
DIP-switch setting #, try using the next highest DIP-switch setting #
if, after adjusting R7, the display reading is still too low, or the next
lowest setting # if the display reading is still too high (see example
number 2). Please keep in mind that the DMS-40LCD meter from
which the DMS-40LCD-4/20S is derived has an accuracy specification
of ±3 counts (max.); thus, it may not always be possible to obtain the
exact desired display readings. A change of ±1 count is defined as the
right-hand most digit going up or down by one.
DMS-40LCD-4/20S
4½ digit, LCD, loop-powered meter
DMS-BZL1
Panel-mount bezel assembly
DMS-BZL2
Panel-mount bezel assembly with
sealing gasket
DMS-30-CP
Panel cutout punch
A panel-mount retaining clip is supplied with each meter.
Display readings other than those shown in Table 1 are obtainable.
For example, some negative readings with a 4mA input are possible.
Consult DATEL for more information regarding display readings not
shown in the table.
(2) Max. Loop-Voltage Drop/Max. Loop impedance: The maximum loop
voltage-drop and maximum loop impedance (burden) are both speci-
fied with the meter configured for DIP-Switch setting #20 and an input
loop current of 20.0mA.
(3) Temperature Drift: Temperature drift of zero and temperature drift of
gain are both specified with the meter configured for range #20 with a
4mA input adjusted (using R3) to read “0000” ±1 count, and a 20mA
input adjusted (using R7) to read “19000” ±2 counts at an initial ambi-
ent temperature of 25°C.
The temperature drift of gain is proportional to the selected full-scale
range. It is typically less pronounced at the lower range settings, that
is, if the observed gain drift of a particular meter is +12 counts when
reading “19000” on range #20 at 40°C, the same meter will most
likely have a drift of only +6 counts when reading “9000” on range
#12 at 40°C.
The normally very accurate, temperature-insensitive autozero feature
of the DMS-40LCD-4/20S’s built-in analog-to-digital converter (A/D)
is not a significant factor in determining the meter’s overall zero-
reading stability over its rated operating temperature because an
offset voltage is applied to the A/D’s LO input. This offset is used to
null the signal voltage developed with a 4mA input. In order for the
A/D to display a steady “0000” ±1 digit, the autozero circuitry requires
both A/D inputs to always be at exactly zero volts.
The meter’s zero-reading stability over its specified operating
temperature is affected by the drift of three terms: the voltage
developed by the meter’s offset circuitry; the voltage developed
across the meter’s input resistors with a 4mA input; and the stability of
the applied 4mA input signal itself. In the lower DIP-switch settings
(ranges #1-4), the meter’s parasitic etch and switch impedances also
contribute a small error voltage.
The meter’s performance with regards to span stability over
temperature is affected by the drift of the meter’s gain circuitry and
loop input-resistors. To minimize these drifts in applications requiring
the utmost in temperature stability, where possible, the meter should
be calibrated at its anticipated operating temperature.
Since the DMS-40LCD-4/20S uses extremely-stable thin-film chip
resistors, periodic re-calibration is typically required only in
environmentally demanding applications where shock, vibration,
and/or temperature extremes may have a detrimental effect on the
20-turn potentiometers.
Using the chart below as a guide, the DMS-40LCD-4/20S’s decimal
points can be configured to suit the user’s particular readout
requirements. To enable a desired decimal point place its DIP switch
to the ON position (up). Please note that the decimal points are
merely placeholders, that is, they can all be on or all off; they do not
affect the meter’s operation and/or display readings.
Current Loop Input
Min.
Typ.
Max.
Units
Full Scale Input Range (1)
+3.8
+20.4
mA
Loop Burden (2)
190
Ohms
Voltage Drop (2)
2.9
3.8
Volts
Overcurrent Protection
±40
mA
Performance
Sampling Rate
2.5 reading per second
Accuracy (1 minute warm-up)
±0.05%FS ±1 Count
Temperature Drift of Span (3)
±0.3
±0.6
Cnts/°C
Temperature Drift of Zero (3)
±0.2
±0.5
Cnts/°C
Display
Display Type and Size
4½ digit, 0.4"/10.2mm high LCD
Polarity Indication
"–" for negative readings
Overrange Indication
"–1_ _ _ " for negative inputs
"1_ _ _ " for positive inputs
Physical/Environmental
Operating Temperature
0
+50
°C
Storage Temperature
–20
+75
°C
Humidity (non-condensing)
0–
95
°C
Case Material
Polycarbonate
Weight
0.1 ounces (28 grams)
Ordering Information


Similar Part No. - DMS-40LCD-4

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-40LCD-4-20S MURATA-PS-DMS-40LCD-4-20S Datasheet
203Kb / 5P
   Ultra-Low 2.9V Loop-Drop 4½ Digit LCD Display Process Monitor
2015
DMS-40LCD-4/20S MURATA-PS-DMS-40LCD-4/20S Datasheet
203Kb / 5P
   Ultra-Low 2.9V Loop-Drop 4½ Digit LCD Display Process Monitor
2015
DMS-40LCD-4/20S-C MURATA-PS-DMS-40LCD-4/20S-C Datasheet
203Kb / 5P
   Ultra-Low 2.9V Loop-Drop 4½ Digit LCD Display Process Monitor
2015
More results

Similar Description - DMS-40LCD-4

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20LCD-4 MURATA-PS-DMS-20LCD-4 Datasheet
237Kb / 6P
   4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM4105 MURATA-DM4105 Datasheet
392Kb / 6P
   4쩍-Digit, Differential LCD Display with Data Outputs
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
logo
Intersil Corporation
ICL7129 INTERSIL-ICL7129_00 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
logo
Murata Power Solutions ...
DMS-40PC-4 MURATA-PS-DMS-40PC-4 Datasheet
278Kb / 6P
   4쩍 Digit, 4-20mA Input, LED Display Meters
DSD-40BCD MURATA-PS-DSD-40BCD Datasheet
192Kb / 5P
   Miniature 4쩍 Digit, BCD Input, Slave LED Display
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
logo
Maxim Integrated Produc...
ICM7224 MAXIM-ICM7224 Datasheet
327Kb / 8P
   4쩍 Digit Counter/Decoder/Driver
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com