Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-30PC-2-VFS-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMS-30PC-2-VFS-C
Description  3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30PC-2-VFS-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-30PC-2-VFS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30PC-2-VFS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30PC-2-VFS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30PC-2-VFS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30PC-2-VFS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30PC-2-VFS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1. Single-Ended Input Configurations: True single-ended measure-
ments can be made with any DMS-30PC meter. The circuit of Figure
2 avoids problems normally associated with ground-loop currents.
Separate ground runs should be used for 5V RETURN (pin 3) and (–)
INPUT LO (pin 12). This will ensure that large LED currents will not
flow in the wiring that connects VIN to (–) INPUT LO (pin 12). Ground-
loop currents can cause unstable readings.
Figure 2. Single-Ended Input Configuration
DMS-30PC meters are highly versatile devices that can be used in
hundreds of applications. The application circuits chosen for this sec-
tion have historically received many inquiries. Every attempt has been
made to ensure technical accuracy, and all of the following circuits
have been prototyped and tested to ensure functionality. Please keep
in mind, however, that real-world applications are seldom as straight-
forward as the approaches presented here. Most applications have
many more components — and many more connections — than the
illustrations show.
The simplified schematic shown in Figure 1 can be very useful when
debugging a malfunctioning panel meter circuit, particularly if the
user has some knowledge of operational amplifiers (op amps). The
meter's high-impedance input consists of an op amp powered from a
±5Vdc power supply (the –5V is internally generated). Knowing this,
one can easily see why input signals applied to (–) INPUT LO and (+)
INPUT HI have to be kept within the power supply rails of ±5V. Also
note that only pin 11 has a current-limiting 909kΩ series resis-
tor. High input voltages that have a common ground with pin 3 (5V
RETURN) should only be applied to pin 11 ((+) INPUT HI) and never to
pin 12. In these high-voltage cases, pin 12 should always be tied to
pin 3 (5V RETURN).
One of the simplified schematic's noteworthy features is that it
shows internal voltage values. It also shows that pin 3 is the meter's
zero-volt reference point — regardless of the type of power or signal
source used. This is an important point to keep in mind when a digital
or analog multimeter is used to make system measurements. The
multimeter's negative lead (usually the black one) must be connected
to pin 3 (5V RETURN).
4. DISPLAY TEST (Pin 2): Connecting pin 2 to +5V SUPPLY (pin 1) will
activate all LED segments, except the decimal points, and the display
will read "1888" regardless of the actual applied input. If a negative
input is applied, DISPLAY TEST will also activate the minus sign. To
protect the LED's, the display should not be left in the "test" mode for
more than 10 seconds.
5. Decimal Point Placement: The location of the decimal point is
user-selectable, and the decimal point control pins (DP1-DP3) are
active low functions. Select the desired decimal point by tying the
appropriate pin (pin 4, 5 or 6) to pin 3 (5V RETURN). Unused decimal
point location pins should be left open.
Hard wiring is preferable, however, you can use logic gates to
exercise dynamic control over the location of the decimal point if the
following drive conditions are met:
Model
Applied "0" Voltage
Load Current*
DMS-30PC-X-RL
+0.05V max.
0.7mA max.
All Others
+0.4V max.
6mA max.
* The driving gates must be able to sink this much current
(IOL) with a logic "0" output.
6. Gain Adjust: There is a gain-adjust potentiometer on the back of
each meter. It has approximately ±50 counts (±2.5%) of adjustment
range. Since these devices essentially have no zero/offset errors,
a gain adjustment is effectively an overall accuracy adjustment.
Though they may be performed at any point (except zero), accuracy
adjustments are most effective when performed with higher level
input signals. The circuit shown in Figure 10 provides ±10% range of
adjustment.
7. Soldering Methods: All models in the DMS-30PC Series easily
withstand most common wave soldering operations. We recom-
mend, however, that you evaluate the effects your particular soldering
techniques may have on the meter's plastic case and high-precision
electrical performance. We recommend the use of no-clean solders.
8. Suggested Mating Connectors:
Panel mounted:
Connector housing
DATEL P/N 4320-01069-0
Terminal type
DATEL P/N 4400-01032-0
Crimping tool
DATEL P/N 39-2099000
Wire size
22 to 26 AWG
Insulation diameter
0.062" (1.57mm) maximum
Stripping length
0.100 to 0.125" (2.54 to 3.17mm)
Board mounted:
Socket
DATEL P/N 4320-01074-0
1
12
3
+5V SUP
(–) IN LO
5V RET
11
(+) IN HI
6
DP1
+
AC to DC Converter
VIN
DMS-30PC-1
8
7
REF OUT
REF IN
DATEL
DMS-PS1-CM
85-264Vac
DMS-30PC Series
3½ Digit, LED Display Low-Power,
Miniature Digital Panel Voltmeters
MPM_DMS_30PC.F03 Page 3 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
APPLICATIONS


Similar Part No. - DMS-30PC-2-VFS-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-30PC-2-AS ETC-DMS-30PC-2-AS Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-30PC-2-BS ETC-DMS-30PC-2-BS Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-30PC-2-GL ETC-DMS-30PC-2-GL Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-30PC-2-GS ETC-DMS-30PC-2-GS Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-30PC-2-OL ETC-DMS-30PC-2-OL Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
More results

Similar Description - DMS-30PC-2-VFS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com