Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C082V-1004-J Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # C082V-1004-J
Description  THICK FILM SIP NETWORKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

C082V-1004-J Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  C082V-1004-J Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTION V - +200°C temperature Range
OPTION S - Super high density (.070” pin spacing)
OPTION P - Pulse tolerant design
OPTION N - Narrowline design (.070” thick)
OPTION F - Flameproof coating
OPTION C - Copper alloy terminals
Also available in custom circuits with multiple values/capacitors/
diodes, increased power & voltage, tolerance & TC matching, longer
pins, special marking, military burn-in, resis. values 1
Ω to 1000M, etc.
CL SERIES- Low Profile
C SERIES - High Power
e
c
n
a
r
e
l
o
T)
.
l
i
a
v
a
%
5
,
%
1
(
d
r
a
d
n
a
t
S
%
2
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T0
5
<
m
p
p
0
5
2
±
(
p
y
t
m
p
p
0
0
1
±
)
M
2
.
2
>
&
g
n
i
k
c
a
r
T
R
C
Tl
a
c
i
p
y
t
M
P
P
0
5
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O)
V
.
t
p
O
C
°
0
0
2
+
(
C
°
5
2
1
+
o
t
C
°
5
5
-
e
g
a
t
l
o
V
g
n
i
k
r
o
W
.
x
a
MS
.
t
p
O
&
L
C
s
e
i
r
e
S
V
0
0
1
,
C
s
e
i
r
e
S
V
0
0
2
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S)
W
x
2
e
t
n
,
S
5
,
V
d
e
t
a
r
x
5
.
2
(
%
5
.
0
±
t
a
e
H
r
e
d
l
o
S
o
t
.
s
i
s
e
R)
S
5
,
C
°
0
5
3
(
%
5
2
.
0
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
1
±
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
T%
5
2
.
0
±
k
c
o
h
S
l
a
m
r
e
h
T%
5
.
0
±
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
1
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
0
±
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
5
2
.
0
±
y
t
il
i
b
a
r
e
d
l
o
S
d
a
e
L1
0
4
3
8
-
R
-
L
I
M
s
t
e
e
M
g
n
i
k
r
a
Mm
u
m
i
n
i
m
s
a
l
o
t
&
,
e
u
l
a
v
s
i
s
e
r
,
D
I
1
#
n
i
P
s
l
a
n
i
m
r
e
T.
l
i
a
v
a
*
y
o
ll
a
r
e
p
p
o
c
,
.
p
y
t
l
e
e
t
s
d
e
t
a
l
p
r
e
d
l
o
S
D
C
R
e
p
y
T
R
O
T
S
I
S
E
R
E
L
G
N
I
S
*
G
N
I
T
A
R
R
E
W
O
P
*
G
N
I
T
A
R
R
E
W
O
P
E
G
A
K
C
A
P
.
g
i
f
n
o
C
6
,
5
,
4
,
3
,
1
.
g
i
f
n
o
C
2
.
g
i
f
n
o
C
7
,
3
n
i
P
-
4n
i
P
-
6n
i
P
-
7n
i
P
-
8n
i
P
-
9n
i
P
-
0
1n
i
P
-
2
1
C
W
3
.W
5
.W
7
1
.W
1W
5
.
1W
5
7
.
1W
2W
5
2
.
2W
5
.
2W
3
L
C
W
2
.W
3
.*
*
W
5
2
1
.W
5
.W
1W
5
2
.
1W
5
.
1W
5
7
.
1W
2W
5
.
2
THICK FILM SIP NETWORKS
Low cost, widest selection in the industry!
4-pin through 14-pin standard (2 through
20-pin sizes available on special order)
CL Series low-profile available from stock
(configuration1 & 2 in 6, 8, and 10-pin)
Wide resis. range: 10
Ω to 3MΩ std., 1Ω to 1000M avail.
Bulk packaging is standard, tape or magazine tube avail.
R/2R Ladder Networks (Config. 7) offer 1/2LSB accuracy
from 4 to 10 bits
STANDARD VALUES- Config. 1, 2, 4, 5, 6:
10
Ω to 3M in E-24 values (preferred values in bold type)-
10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43,
47, 51, 56, 62, 68, 75, 82, 91
STANDARD VALUES - Config. 3, Dual Terminator, R
1/R2 :
STANDARD CONFIGURATIONS
Configuration No. 6
1
v v
v
v v
v
v v
v
v v
v
v v
v
RESISTORS CAPACITORS COILS DELAY LINES
TYPICAL PERFORMANCE SPECIFICATIONS
* RCD recommends use of copper alloy terminals (opt. C) in aqueous cleaning systems
...
.
.
.
.
.
.
...
Configuration No. 3
..
..
.
.
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
R2
R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
1
R/2R LADDER NETWORKS (Config.7): 4Bit/6-pin, 5Bit/7-pin,
6Bit/8-pin, 7Bit/9-pin, 8Bit/10-pin, 9Bit/11-pin, and 10Bit/12-pin.
Available in Series C (low profile Series CL n/a). Linearity accuracy is
1/2LSB. Standard values are 5K
Ω, 10KΩ, 25KΩ, 50KΩ, & 100KΩ ±2%.
* Reduce wattage ratings by 1/3 for Opt.S **Config. 7 n/a in CL Series
Config. No. 7 R/2R
R
R
R
2R
2R
2R
2R
2R
v v
v
v v
v
v v
v
1
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
GND LSB
MSB OUT
←New high density Sips, an RCD exclusive!
Configuration No. 4
.
1
.
...
.
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
0
3
1
/
1
80
6
2
/
0
6
10
7
2
/
0
2
20
7
4
/
0
3
3
5
9
1
/
0
2
10
6
2
/
2
6
10
3
3
/
0
2
20
8
6
/
0
3
3
5
9
1
/
1
2
10
9
3
/
0
8
10
9
3
/
0
3
3K
2
.
6
/
K
3
DERATING (Series C and CL)
DERATING (Option V)
25
50
75
100
125
150
120
100
80
60
40
20
0
AMBIENT TEMPERATURE (°C)
120
100
80
60
40
20
0
AMBIENT TEMPERATURE (°C)
40
80
120
160
200 240
FA032B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
CL 08 2
- 102 - G B
W
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
38
DIMENSIONS
Dimensions: Inch [mm]
.095 [2.4] Max.
Opt. N= .070±.008
[1.8±.2]
.011 [.28]
→ ←
→ ←
.100±.01 [2.54±.25]
Opt.S=.070±.01 [1.78±.25]
C=.315 [8] Max.
CL=.195 [5] Max.
.102 [2.6] Min.
Length=0.1” X No. of pins max
→ ←
Pin #1
.020 [.5]
→ ←
.
Configuration No. 5
1
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
Configuration No. 2
1
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
1
Configuration No. 1
>>>>>
>>>>>>>>>>
>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
. . . . . .
P/N DESIGNATION:
Opt. TC: 50=50ppm,101=100ppm (leave blank if standard)
Type: CL=low profile (std), C=high power
Tolerance Code: G=2% (standard), F=1%, J=5%
Options: V,S,P,N,F,C (leave blank if std)
Configuration Number
Number of Pins
Resis.Code 1%: 3 signif. figures & multiplier,
(e.g. 10R0=10
Ω,1000=100Ω,1001=1K,1004=1M)
Resis.Code 2%-5%: 2 signif. figures & multiplier,
(e.g. 100=10
Ω,101=100Ω,102=1K,103=10K,104=100K,105=1M)
When comprised of 2 res.values (config.3&7) separate
with /, e.g. 181/391=180
Ω/390Ω
Packaging: B=bulk, A3=3 pin taping ammo pack, M=magazine tube
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
.....
RCD CL101S
..... RCD CL101
..... RCD C101
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - C082V-1004-J

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0829A GENERAL-C0829A Datasheet
74Kb / 1P
   Computer Cable
More results

Similar Description - C082V-1004-J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
logo
Bourns Electronic Solut...
4116R-R2R-501LF BOURNS-4116R-R2R-501LF Datasheet
383Kb / 1P
   Thick Film Networks
R2R BOURNS-R2R Datasheet
383Kb / 1P
   Thick Film Networks
logo
Vishay Siliconix
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
logo
Bi technologies
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com