Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-BZL2 Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # DMS-BZL2
Description  Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-BZL2 Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  DMS-BZL2 Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-BZL2 Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-BZL2 Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-BZL2 Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-BZL2 Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-BZL2 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
#2-56 INSERT
0.156 (3.96) DEEP
FRONT VIEW
1.270
(32.26)
0.187
(4.75)
OPTIONAL BEZEL (DMS-BZL1 and DMS-BZL2)
2.35 (59.69)
2.118 (53.80)
0.093 (2.362) DIAMETER (4 REQUIRED)
ONLY WHEN USING OPTIONAL BEZEL ASSEMBLY
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
1.07
(27.18)
0.878
(22.30)
0.096
(2.44)
0.116
(2.95)
2.55 (64.77)
PANEL CUTOUT
BEZEL INSTALLATION
PANEL
BEZEL
RETAINING CLIP INSTALLATION
PANEL
BEZEL INSTALLATION AND RECOMMENDED DRILL AND PANEL CUTOUT
DMS-30LCDA-4/20 Series
Loop-Powered, 1.8V Drop, 4-20mA Process
Monitors with Full-Size LCD Displays
MPM_DMS30-LCDA.B02 Page 6 of 6
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
11/25/08


Similar Part No. - DMS-BZL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-BZL2 ETC-DMS-BZL2 Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-BZL2 ETC-DMS-BZL2 Datasheet
153Kb / 1P
   AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
DMS-BZL2 ETC1-DMS-BZL2 Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-BZL2 MURATA-PS-DMS-BZL2 Datasheet
234Kb / 5P
   Ultra-Low 2.9V Loop-Drop 4쩍 Digit LCD Display Process Monitor
DMS-BZL2 MURATA-PS-DMS-BZL2 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results

Similar Description - DMS-BZL2

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20LCD-4 MURATA-PS-DMS-20LCD-4 Datasheet
237Kb / 6P
   4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-20PC-4 MURATA-PS-DMS-20PC-4 Datasheet
227Kb / 6P
   Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
   4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
Maxim Integrated Produc...
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
   Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com