Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC630-3003-C Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # BC630-3003-C
Description  RADIAL LEAD MEGOHM RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

BC630-3003-C Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  BC630-3003-C Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC SERIES
Wide resistance range up to 1000 MegOhm
TC’s as low as ±25ppm available
Standard tolerance is ±1%; 0.1% available
Significant space savings over axial lead resistors
Available on Tape & Reel
Economically priced
Precision quality, excellent stability, low inductance
RADIAL LEAD MEGOHM RESISTORS
FA035B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
TYPICAL PERFORMANCE CHARACTERISTICS
RCD Series BC resistors are designed for precision high-
megohm requirements where space is at a premium. Operat-
ing temperature range is -55°C to +175°C. Type BC632
features the smallest body size. Type BC630 features an
increased voltage rating, wider resistance range, and the
lowest cost. BC633 features two resistors within single
package. Units are epoxy encapsulated for superior environ-
mental protection.
Space-saving megohm resistors!
OPTIONS
Option P: increased pulse capability
Option H: increased voltage rating
Option G: gullwing SM lead forming (avail. on 24mm T&R)
Option EQ: 24 hour burn in (or ER -100 hour burn in)
Numerous additional options available including custom
marking, matched sets, military screening, etc.
DERATING
)
c
e
s
5
,
e
g
a
t
l
o
v
d
e
t
a
r
x
5
.
1
(
d
a
o
l
r
e
v
O%
5
.
0
±
∆R
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
5
.
0
±
∆R
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
A
V
0
0
4
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
1
.
0
±
∆R
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
0
±
∆R
)
y
r
d
(
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I.
n
i
M
s
m
h
o
g
e
M
0
0
0
,
0
1
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
7
1
o
t
C
°
5
5
-
5
2
t
a
e
f
i
L
f
l
e
h
SC
°%
2
.
0
±
)
.
r
Y
1
(
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
c
i
f
f
e
o
C
M
0
0
1
-
K
0
0
3
,
0
5
,
5
2
(
d
t
s
C
°
/
m
p
p
0
0
1
)
l
i
a
v
a
m
p
p
0
8
M
0
0
1
>
d
t
s
C
°
/
m
p
p
0
5
3
)
l
i
a
v
a
m
p
p
0
0
2
,
0
0
1
(
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
V
s
l
e
v
e
l
C
V
d
e
n
e
t
h
g
i
t
(
)
e
l
b
a
l
i
a
v
a
M
1
-
K
0
0
3
.
p
y
T
V
/
m
p
p
0
2
-
M
1
M
0
0
1
-
.
p
y
T
V
/
m
p
p
0
3
-
M
0
0
5
-
M
0
0
1
.
p
y
T
V
/
m
p
p
0
5
-
G
1
-
M
0
0
5
.
p
y
T
V
/
m
p
p
0
8
-
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
71
RESISTORS CAPACITORS COILS DELAY LINES
New SM model
BC630
- 1005 - F B 101 W
Temp. Coefficient: 25 = 25ppm, 50 = 50ppm, 80 = 80ppm,
101 = 100ppm, 201=200ppm, 351=350ppm
P/N DESIGNATION:
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tol. Code: J=5%, G=2%, F=1%, D=0.5%, C=0.25%, B=0.1%
Options: P, H, G, ER, EQ (leave blank if std)
Resis.Code 0.1%-1%: 3 signif. figures & multiplier,
(e.g. 3003=300K
Ω, 1004=1MΩ, 1006=100MΩ)
Resis.Code 2%-5%: 2 signif. figures & multiplier,
(e.g. 304=300K
Ω, 105=1MΩ, 107=100MΩ).
When BC633 is comprised of 2 values, separate with /, e.g. 905/105
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)
OPT. G GULLWING DESIGN
← ← ← ← ←
← ← ← ← ←
→ → → → → .100
.200
→ → → → →
12
12
12
12
12
123
123
123
123
123
.07 .08
.15
.075
BC630G
123
123
123
123
123
123
123
123
123
123
.07 .13
.15
.075
BC632G
12
12
12
12
12
123
123
123
123
123
.07 .03
.15
.075
BC633G
123
123
123
123
123
E
D
← →
← →
← →
← →
← →
BC630 & BC632 (single resistor)
E
D
BC633 (dual resistor)
E
E
B
B
|
A
|
| C
|
|
A
|
| C
|
.75
[19]
Min.
.75
[19]
Min.
100
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (°C)
75
50
25
RoHS
Term.W is
RoHS
compliant &
260°C
compatible
SPECIFICATIONS
D
C
R
e
p
y
T
e
g
a
t
t
a
W
.
x
a
M
*
e
g
a
t
l
o
V
c
i
r
t
c
e
l
e
i
D
*
*
h
t
g
n
e
r
t
S
e
c
n
a
t
s
i
s
e
R
*
*
*
e
g
n
a
R
]
8
3
.
[
5
1
0
.
±
A]
8
3
.
[
5
1
0
.
±
B]
5
2
.
[
1
0
.
±
C]
5
0
.
[
2
0
0
.
±
D]
8
3
.
[
5
1
0
.
±
E
0
3
6
C
BW
5
7
.V
0
0
5V
0
0
4M
0
0
0
1
o
t
K
0
0
3]
7
8
.
7
[
0
1
3
.]
8
3
.
8
[
0
3
3
.]
0
.
3
[
8
1
1
.]
6
.
[
4
2
0
.]
1
8
.
3
[
0
5
1
.
2
3
6
C
BW
5
7
.V
0
0
4V
0
0
4M
0
0
1
o
t
K
0
0
3]
7
3
.
7
[
0
9
2
.]
7
3
.
7
[
0
9
2
.]
1
4
.
2
[
5
9
0
.]
6
.
[
4
2
0
.]
8
0
.
5
[
0
0
2
.
3
3
6
C
B
W
5
2
.
.
s
i
s
e
r
r
e
p
V
0
0
4
.
s
i
s
e
r
r
e
p
V
0
0
4M
0
0
1
o
t
K
0
0
3]
7
3
.
7
[
0
9
2
.]
7
3
.
7
[
0
9
2
.]
1
4
.
2
[
5
9
0
.]
6
.
[
4
2
0
.]
8
0
.
5
[
0
0
1
.
* Maximum working voltage is determined by E =
PR, E should not exceed value listed. ** Increased dielectric strength available *** Lower and higher values available on custom basis, consult
factory.


Similar Part No. - BC630-3003-C

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BC63 COOPER-BC63 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
NXP Semiconductors
BC635 PHILIPS-BC635 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
logo
Continental Device Indi...
BC635 CDIL-BC635 Datasheet
121Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
NXP Semiconductors
BC635 PHILIPS-BC635 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 23
More results

Similar Description - BC630-3003-C

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
HR0805-105-NBW RCD-HR0805-105-NBW Datasheet
41Kb / 1P
   HIGH MEGOHM CHIP RESISTORS
logo
List of Unclassifed Man...
MK120 ETC2-MK120 Datasheet
210Kb / 2P
   Precision Power Film Radial-Lead Resistors
TK121 ETC2-TK121 Datasheet
166Kb / 2P
   Low TC Precision Radial-Lead Film Resistors
logo
Caddock Electronics, In...
MK200 CADDOCK-MK200 Datasheet
430Kb / 2P
   Type MK Precision Power Film Radial-Lead Resistors
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
TK121 CADDOCK-TK121 Datasheet
547Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
Vishay Siliconix
ERC VISHAY-ERC_15 Datasheet
83Kb / 4P
   Thick Film Planar Resistors, Through-Hole, Radial Lead, High Voltage
Revision: 03-May-13
logo
United Chemi-Con, Inc.
APSE2R5E CHEMI-CON-APSE2R5E Datasheet
79Kb / 2P
   Radial Lead
APSE6R3E CHEMI-CON-APSE6R3E Datasheet
79Kb / 2P
   Radial Lead
PASE4R0E CHEMI-CON-PASE4R0E Datasheet
79Kb / 2P
   Radial Lead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com