Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-BZL4-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-BZL4-C
Description  3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-BZL4-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-BZL4-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11)
with (–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected
(see Figure 1). Voltages applied to pin 12 should not exceed the supply voltage.
See Technical Notes.
The DISPLAY HOLD function is optional on standard red and green LED models only.
Leave blank for standard
models.
Add -H for DISPLAY HOLD
option (available on
standard red and green
LED models only).
DMS-20PC - 1 - R S
- C
LED Color:
AS = Standard Amber
BS = Standard Blue
GS = Standard Green
OS = Standard Orange
RS = Standard Red
YS = Standard Yellow
RH = High-Intensity Red
RL = Low-Power Red
BL = Low-Power Blue
PGL = Low-Power Green
Accessories:
DMS-PS1-CM-C
+5V/1.0A AC/DC power supply module
DMS-20-CP
Panel cutout punch
DMS-BZL3-C
DMS-20 bezel assembly
DMS-BZL4-C
DMS-20 bezel assembly with sealing gasket
DMS-EB2-C
Application/evaluation board with standard
MOLEX connector, decimal point solder pads and attenuation
resistor pads.
Input Range:
0 = ±200mV
1 = ±2V
2 = ±20V
3 = ±200V
A panel-mount retaining clip is supplied with each model.
1. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a precision
reference actively trimmed at the factory. In normal operation, pin 8
must be tied to pin 7 to achieve all listed accuracy and drift specifica-
tions.
2. ANALOG COMMON (Pin 10): This pin is connected to an internal,
low-noise, "relative" ground. It is used in certain differential and
"floating" measurements as described in the Applications section
of this data sheet and Ap Note 3 of the DATEL Panel Meter Catalog.
Pin 10 should not be connected to pin 3 (5V RETURN) or to your
system’s analog ground.
3. Decimal Point Placement: The location of the decimal point is user-
selectable, and the decimal point control pins (DP1-DP3) are active
low functions. Select the appropriate decimal point by tying the
appropriate pin (pin 4, 5 or 6) to pin 3 (5V RETURN). Unused decimal
point location pins should be left open.
Hard wiring is preferable, however, you can use logic gates to
exercise dynamic control over the location of the decimal point if the
following drive conditions are met:
Model
Applied "0" Voltage
Load Current*
DMS-20PC-X-XL
+0.05V max.
0.7mA max.
All Others
+0.4V max.
6mA max.
* The driving gates must be able to sink this much current
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-20PC-0
±200
mV
DMS-20PC-1
±2
Volts
DMS-20PC-2
±20
Volts
DMS-20PC-3
±200
Volts
Input Impedence:
DMS-20PC-0, -1
1000
DMS-20PC-2, -3
1
Overvoltage Protection
±250
Volts
Common Mode Voltage Range
±2
Volts
CMRR (dc to 60Hz)
–86
dB
Performance
Sampling Rate
2.5 reading per second
Accuracy (3 minute warm-up):
DMS-20PC-0 (Vin = +0.19V)
±1
±3
Counts
DMS-20PC-1 (Vin = +1.9V)
±1
±3
Counts
DMS-20PC-2 (Vin = +19V)
±2
±3
Counts
DMS-20PC-3 (Vin = +190V)
±2
±3
Counts
Zero Reading (Vin = 0 Volts)
“–001”
“000”
“001”
Temperature Drift (0 = +60°C)
±0.2
±0.4
Cnts/°C
Power Supply Requirements
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
DMS-20PC-X-RL
+7
+12
mA
DMS-20PC-X-BL & -PGL
+12
+17
mA
DMS-20PC-X-RS, -RH
+60
+90
mA
DMS-20PC-X-RS-H
+60
+90
mA
DMS-20PC-X-BS
+75
+100
mA
DMS-20PC-X-GS-H
+90
+120
mA
DMS-20PC-X-AS, -GS, -OS, -YS
+90
+120
mA
Display
Display Type and Size
3½ digit, 0.37"/9.4mm high LED
Polarity Indication
Autopolarity ("–" for negative Vin)
Overrange Indication
"–1_ _ _ " for negative inputs
"1_ _ _ " for positive inputs
Physical/Environmental
Operating Temperature
0
+60
°C
Storage Temperature
–20
+75
°C
Humidity (non-condensing)
0
95
%
Case Material
Polycarbonate
Weight
0.4 ounces (11 grams)
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V using the single-ended input circuit,
unless otherwise noted.
Ordering Information
RoHS Compliant Parts: Add "-C" suffix to part number.
Add -C for RoHS
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
DMS-20PC Series
3½ Digit, LED Display, Low-Cost, Subminiature
Digital Panel Voltmeters
MPM_DMS_20PC.D02 Page 2 of 6
TECHNICAL NOTES


Similar Part No. - DMS-BZL4-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
253Kb / 2P
   Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
525Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
237Kb / 6P
   4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
192Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
227Kb / 6P
   Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
More results

Similar Description - DMS-BZL4-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100N MURATA-DM3100N Datasheet
224Kb / 6P
   Low Cost, 3쩍 Digit, LED Display in Low Profile Case
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com