Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-20PC-1-PGL-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMS-20PC-1-PGL-C
Description  3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20PC-1-PGL-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-20PC-1-PGL-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20PC-1-PGL-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20PC-1-PGL-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20PC-1-PGL-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-20PC-1-PGL-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-20PC-1-PGL-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4. DISPLAY TEST/HOLD (Pin 9) Function: Pin 9 is a dual-function
pin. On all standard models (without "-H" suffix), tying pin 9 to pin 1
(+5V SUPPLY) activates the meter's DISPLAY TEST feature. All display
segments, except the decimal points, will be illuminated. The display
will show "1888" ("–1888" if a negative input signal is present). Do
not leave the meter in the test mode for more than 10 seconds as
this will cause the meter's operating temperature to rise and possibly
affect its performance. Pin 9 must be left open when the test function
is not being used.
On models with the "-H" suffix (DMS-20PC-1-RS-H for example), pin
9 serves as a DISPLAY HOLD control pin. Tying pin 9 to +5V SUPPLY
(pin 1) on these models will hold or "freeze" the current display read-
ing indefinitely. Pin 9 must also be left open when the hold function is
not being used. After disabling DISPLAY HOLD, allow the meter a full
10 seconds to resume normal calibrated operation before holding a
new reading.
The DISPLAY TEST or DISPLAY HOLD pin should normally be con-
nected, via a selector switch, to pin 1 (+5V SUPPLY). If automatic,
logic-controlled operation is desired, only PNP or MOSFET transis-
tors should be used. The base or gate of these transistors should be
driven sufficiently hard to bring pin 9 within 0.05V of +5V SUPPLY.
5. DISPLAY ENABLE (Pin 2) Function: On all models, tying pin 2 to
pin 1 (+5V SUPPLY) applies full power to the LED display. This is the
normal mode of operating the meter. Leaving DISPLAY ENABLE open
(no connection), only turns off the LED display. The meter's analog-
to-digital converter continues to sample the input signal. Total current
consumption with the display off is approximately 400μA (0.4mA).
This is a very useful feature if the meter is used in battery-powered
equipment.
With the exception of the low-power red LED models (DMS-20PC-X-
RL), a regulated voltage lower than +5V SUPPLY can be used to dim
the display intensity. Display intensity control is best performed with
the high brightness, red LED, DMS-20PC-X-RH model. All low-power
red LED models must have DISPLAY ENABLE tied directly to pin 1
(+5V SUPPLY). Voltages applied to DISPLAY ENABLE must never be
greater than +5V SUPPLY.
6. Gain Adjust: There is a gain-adjust potentiometer on the back of
each meter. It has approximately ±50 counts (±2.5%) range of
adjustment. Since these devices essentially have no zero/offset
errors, a gain adjustment is effectively an overall accuracy adjust-
ment. Though they may be performed at any point (except zero),
accuracy adjustments are most effective when performed with
higher level input signals. The circuit shown in Figure 10 provides
±10% range of adjustment.
7. Soldering Methods: All models in the DMS-20PC Series easily with-
stand most common wave soldering operations. We recommend,
however, that you evaluate the effects your particular soldering
techniques may have on the meter’s plastic case and high-precision
electrical performance. We recommend the use of no-clean solders.
8. Suggested Mating Connectors:
Panel mounted:
Connector housing
DATEL P/N 4320-01069-0
Terminal type
DATEL P/N 4400-01032-0
Crimping tool
DATEL P/N 39-2099000
Wire size
22 to 26 AWG
Insulation diameter
0.062" (1.57mm) maximum
Stripping length
0.100 to 0.125" (2.54 to 3.17mm)
Board mounted:
Socket DATEL P/N 4320-01074-0
Figure 2. Single-Ended Input Configuration
DMS-20PC meters are highly versatile devices that can be used in
hundreds of applications. The application circuits chosen for this section
are ones that have historically received many inquiries.
The schematic in Figure 1 shows that the meter's high-impedance input
consists of an op amp powered from a ±5Vdc power supply (the –5V is
internally generated). One can easily see why input signals applied to (–)
INPUT LO and (+) INPUT HI have to be kept within the power supply rails
of ±5V. Also note that only pin 11 has a current-limiting 909kΩ series
resistor. High input voltages that have a common ground with pin 3 (5V
RETURN) should only be applied to pin 11 ((+) INPUT HI) and never to pin
12. In these high-voltage cases, pin 12 should always be tied to pin 3
(5V RETURN).
The schematic also shows that pin 3 is the meter's zero-volt reference
point — regardless of the type of power or signal source used. This is
an important point to keep in mind when a digital or analog multimeter
is used to make system measurements. The multimeter's negative lead
(usually the black one) must be connected to pin 3 (5V RETURN).
1. Single-Ended Input Configurations: True single-ended measure-
ments can be made with any DMS-20PC meter. The circuit of Figure
2 avoids problems normally associated with ground-loop currents.
Separate ground runs should be used for 5V RETURN (pin 3) and (–)
INPUT LO (pin 12).
1
12
3
+5V SUP
(–) IN LO
5V RET
DATEL
DMS-PS1-CM
85-264Vac
11
(+) IN HI
6
DP1
+
AC to DC Converter
VIN
DMS-20PC-1
7
REF OUT
REF IN
8
2
DISPLAY
ENABLE
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
DMS-20PC Series
3½ Digit, LED Display, Low-Cost, Subminiature
Digital Panel Voltmeters
MPM_DMS_20PC.D02 Page 3 of 6
APPLICATIONS


Similar Part No. - DMS-20PC-1-PGL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-1-DCM MURATA-PS-DMS-20PC-1-DCM Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-1-DCM-B-C MURATA-PS-DMS-20PC-1-DCM-B-C Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-1-DCM-C MURATA-PS-DMS-20PC-1-DCM-C Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-1-DCM-G-C MURATA-PS-DMS-20PC-1-DCM-G-C Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-1-FM-C MURATA-PS-DMS-20PC-1-FM-C Datasheet
525Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
More results

Similar Description - DMS-20PC-1-PGL-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100N MURATA-DM3100N Datasheet
224Kb / 6P
   Low Cost, 3쩍 Digit, LED Display in Low Profile Case
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com