Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-30LCD-2-9B-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMS-30LCD-2-9B-C
Description  3쩍 Digit, LCD Display Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30LCD-2-9B-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-30LCD-2-9B-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30LCD-2-9B-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30LCD-2-9B-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30LCD-2-9B-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30LCD-2-9B-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30LCD-2-9B-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_DMS30LCD.D01 Page 3 of 6
APPLICATIONS
Figure 2. Single-Ended Input Configuration
(5V-Powered Models)
Example: If +BATTERY (pin 1 with respect to pin 3) is +12.6V,
RSeries =
Ohms
+12.6 – 9.2V
0.035
RSeries =
Ohms
+BATTERY – 9.2V
0.035
RSeries = 97 Ohms
In any backlit application, including those with supply voltages
< 9.2V, the current drawn by the backlight (and therefore the current
drawn by the meter) can be reduced by installing a 1/4 Watt resistor
between pins 3 and 2. The brightness of the backlight will be reduced
proportionately.
7. Gain Adjust: There is a gain-adjust potentiometer on the back of each
meter. It has approximately ±50 counts (±2.5%) of adjustment range.
Since these devices essentially have no zero/offset errors, a gain
adjustment is effectively an overall accuracy adjustment. Though they
may be performed at any point (except zero), accuracy adjustments
are most effective when performed with higher level input signals.
Refer to Figure 9 for applications requiring greater ( ±10%) gain adjust-
ments.
DMS-30LCD meters are available in either 5V-powered or 9V-powered
models. 9V devices operate directly from 7.5V to 14V supplies (usually
batteries) without the need for external voltage regulators. 9V devices,
however, can not be used to measure voltages referenced to the negative
battery terminal (pin 3) because the minus input to the meter (pin 12, (–)
INPUT LO) must always be at least 1.5V above pin 3. 9V-powered meters
can only be used to make differential and not single-ended measurements.
5V-powered devices operate from any well-regulated +5V supply and will
accurately measure voltages both above and below pin 3 (5V RETURN) in
either single-ended or differential configurations.
1. Single-Ended Input Configurations: True single-ended measure-
ments can only be made with 5V-powered meters. The circuit of Figure
2 avoids problems normally associated with ground-loop currents.
Separate ground runs should be used for 5V RETURN (pin 3) and (–)
INPUT LO (pin 12).
8. Soldering Methods: All models in the DMS-30LCD Series easily
withstand most common wave soldering operations. We recommend,
however, you evaluate the effects your particular soldering techniques
may have on the meter’s plastic case and high-precision electrical
performance. We recommend the use of no-clean solders.
9. Suggested Mating Connectors:
Panel mounted:
Connector housing
DATEL P/N 39-2079400
Terminal type
DATEL P/N 39-2099090
Crimping tool
DATEL P/N 39-2099000
Wire size
22 to 26 AWG
Insulation diameter
0.062” (1.57mm) maximum
Stripping length
0.100 to 0.125” (2.54 to 3.17mm)
Board mounted:
Socket DATEL P/N 39-2359625
1
12
3
+5V SUP
(–) IN LO
5V RET
DATEL
UPA-5/500
120 VAC
11
(+) IN HI
6
DP1
+
AC to DC Converter
VIN
DMS-30LCD-1-5
8
7
REF OUT
REF IN
should not be connected to pin 3 (5V RETURN/–BATTERY) or to
your system’s analog ground.
3. Decimal Point Placement: The location of the decimal point is user-
selectable, and the decimal point control pins (DP1-DP3) are active low
functions. Select the appropriate decimal point by tying the appropriate
pin (pin 4, 5 or 6) to pin 3 (5V RETURN/
–BATTERY). Unused decimal point location pins should be left open.
For 5V-powered models, the decimal location pins are TTL compatible
and may be hard wired as described above or driven with 5V TTL logic
gates.
4. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a preci-
sion reference actively trimmed at the factory. In normal operation, pin
8 must be tied to pin 7 to achieve all listed accuracy and drift specifica-
tions.
5. DISPLAY TEST (Pin 2): (Not available on backlit models)
Connect DISPLAY TEST (pin 2) to +5V SUPPLY/+BATTERY
(pin 1) to activate. All LCD segments, exclusive of the decimal points,
will be momentarily enabled. Do not leave the unit in the TEST
mode for more than 10 seconds as this will damage the LCD seg-
ments.
6. BACKLIGHT (Pin 2) Function: For backlit models, grounding pin 2
(i.e. connecting it to pin 3) turns on the backlighting LED’s. 9V-pow-
ered backlit models function with supply voltages up to +14V, however,
activating the backlight with voltages greater than 9.2V can damage
the meter. Therefore, a 1/4 Watt series resistor must be installed
between pins 3 and 2 in these situations. The value of the series resis-
tor is determined using the following formula:


Similar Part No. - DMS-30LCD-2-9B-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-30LCDA-4-20 MURATA-PS-DMS-30LCDA-4-20 Datasheet
204Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
2015
DMS-30LCDA-4/20B MURATA-PS-DMS-30LCDA-4/20B Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-30LCDA-4/20B-C MURATA-PS-DMS-30LCDA-4/20B-C Datasheet
204Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
2015
DMS-30LCDA-4/20I MURATA-PS-DMS-30LCDA-4/20I Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
More results

Similar Description - DMS-30LCD-2-9B-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
   3쩍 Digit, LCD Digital Panel Meter with Descriptors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com