Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLN082-1001-Q Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # DLN082-1001-Q
Description  CUSTOM NETWORKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

DLN082-1001-Q Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  DLN082-1001-Q Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s widest range of custom networks!
Available on exclusive SWIFT
 delivery program
Very economical in any volume
SIP package sizes: 3 to 12-pin std., (2 to 40-pin avail.)
DIP package sizes: 14 & 16-pin std., (4 to 40-pin avail.)
Resistor matching to .005% 1PPM TC
Wide range of custom and low-profile sizes available.
Custom circuits are designed to the specific application
utilizing virtually any combination of R/L/C/D components.
DSN SERIES - SIP Networks
DDN SERIES - DIP Networks
DLN SERIES - SM Networks
CUSTOM NETWORKS
Custom R/L/C/D networks with little or no tooling charge!
RCD’s custom networks are a cost effective approach for numerous
applications. Networks can be comprised solely of resistors, capacitors,
inductors, diodes, or any combination. Depending on the requirements,
custom networks are produced via monolithic (single substrate) or
discrete construction. Discrete networks utilize various chip or leaded
components welded or soldered into a circuit, then encapsulated into a
molded epoxy case. Discrete networks provide wide design flexibility,
fast delivery, and low set-up costs. Monolithic networks are conformal
coated and generally enable lowest cost in medium to higher volumes.
DSN STANDARD CONFIGURATIONS
Standard configurations have single resistance value per package exept Config’s 7, 8, & 9.
SPECIFICATIONS:
Resistors (thick-film, thin-film, wirewound,
foil, composition): 0.005
Ω to 4000Meg,
±0.005% to 5%, ±2 to 200ppm, .125W is
standard (available up to 1W)
Capacitors (ceramic or tantalum):
NPO: 0.47pf - 0.1pf, ±0.5% to ±10%
X7R: 100pf - 2.2
µf, ±2% to ±20%
X5R: 100pf - 10
µf, ±2% to ±20%
Z5U/Y5V: 1000pf-10
µf, ±10% to +80-20%
Tantalum: 0.1uF- 220uF, ±1% to ±20%
Diodes: fast speed diodes such as
1N3595, 1N4148,1N4150,etc., Schottky,
Germanium,etc.
Inductors (thick-film, thin-film, wirewound):
1nH to 1000uH, ±10% (±1% to ±20% avail)
SERIES DSN SIP DIMENSIONS
.100 [2.54]
→ ←
.125 [3.2]
Min.
→ ←.125[3.2]
(.095 [2.4] avail.)
→ ← .025[.64]Max.
.35
[8.9]
Odd pin counts also available
12 Pin
8 Pin
3 Pin
10 Pin
1.2 [30.5]
1.0 [25.4]
.80 [20.3]
.60 [15.2
]
.40 [10.2]
.31 [7.9]
6 Pin
Dimensions, typ Inch [mm]
4 Pin
Config.2 (4,6,8,10,12pin)
DDN & DLN STANDARD CONFIGURATIONS
Config. A
Config. B
1
TYPICAL CUSTOM CONFIGURATIONS: (part numbers are assigned by factory)
→ ←
14 pin=.77 [19.5]
.100 [2.54]
16 pin= .87 [22]
.277 [7]
Max.
.475[12]max,
.397[10]avail
.300
[7.62]
← →
.125 [3.2] Min.
SERIES DLN SURFACE MOUNT
P/N DESIGNATION: (consult factory for non-std circuits)
SERIES DDN DIP
.307
[7.8]
Max.
.475[12]max,
.397[10]avail
.620 [15.7]
14 pin=.77 [19.5]
16 pin= .87 [22]
→ ←.100[2.54]
Config.9 (4pin)
v v
v
R1
v v
v
R2
Config. #6 (3-12 pin)
Config.#7 (6 -12 pin)
R
R
R
2R
2R
2R
2R 2R
v v
v
v v
v
v v
v
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
Config.8 (3pin)
v v
v
v v
R1 R2
v
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
Config.#1 (3-12 pin)
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
>>>>>
>>>>>>>>>>
Config. C
R1 R2 R3 R4
RN
- - - - --
-
R1
R2
R3
R4
.....
RCD DSN10
FA050F
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
R
R
R
R
R
R
2R
1
2R 2R 2R 2R 2R 2R
2R
v v
v
v v
v
v v
v
v v
v
v v
v
TC (leave blank for 200ppm std): 101=100ppm, 125=100ppm abs/25ppm track, 50=50ppm,
525=50ppm abs/25ppm track, 510=50ppm ab/10ppm track, 25=25ppm, 210=25ppm ab/10ppm track,
205=25ppm ab/5ppm track, 10=10ppm, 105=10ppm ab/5ppm track, 102=10ppm ab/2ppm track, 5=5ppm,
55=5ppm abs/5ppm track, 53=5ppm ab/3ppm track, 52=5ppm ab/2ppm track, 51=5ppm ab/1ppm track
DSN, DDN, or DLN
Tolerance: T=.01%,Q=.02%,A=.05%,B=.1%,C=.25%,D=.5%,F=1%,G=2%,J=5%
Option (leave blank if standard)
Configuration
Number of Pins (02 to 40)
DSN
08
2
- 1002 - F F
W
Res.Code .01%-1%: 3 sig. figures & multiplier (10R0=10
Ω, 1001=1KΩ)
2%-5%: 2 sig. figures & multiplier (1R0=1
Ω, 102=1K, 105=1M). When comprised of 2
values, separate with /, e.g. 181/391=180
Ω/390Ω
Ratio Tolerance: V=0.005%, Y=0.01%, Q=0.02%, A=0.05%, Z=0.1%, C=0.25%, D=0.5%,
F=1%, G=2% (leave blank if not required)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
Config. E
R1 R1 R1 R1 R1 R1
R2 R2 R2 R2 R2 R2
1
Config. D
RoHS
Term. W is
RoHS
compliant &
260°C process
compatible
RESISTORS CAPACITORS COILS DELAY LINES
R1 R2
C1 R3
36


Similar Part No. - DLN082-1001-Q

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
logo
Cooper Bussmann, Inc.
DLN-R-1 COOPER-DLN-R-1 Datasheet
272Kb / 3P
   Dual-Element, Time-Delay Construction Grade Fuses
DLN-R-2 COOPER-DLN-R-2 Datasheet
272Kb / 3P
   Dual-Element, Time-Delay Construction Grade Fuses
logo
Sanyo Semicon Device
DLN10 SANYO-DLN10 Datasheet
58Kb / 2P
   Low-loss Rectifier
DLN10C SANYO-DLN10C Datasheet
58Kb / 2P
   Low-loss Rectifier
More results

Similar Description - DLN082-1001-Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
logo
Caddock Electronics, In...
T1794 CADDOCK-T1794 Datasheet
545Kb / 1P
   Type T1794 Custom Low Temperature Coefficient Precision SIP Resistor Networks
logo
List of Unclassifed Man...
TYPET1794 ETC-TYPET1794 Datasheet
89Kb / 1P
   Type T1794 Custom Low Temperature Coeffi cient Precision SIP Resistor Networks
1789 ETC2-1789 Datasheet
76Kb / 1P
   Low Resistance Custom Resistor Networks with Values as Low as 0.5 ohm
logo
Bourns Electronic Solut...
4606H-LF BOURNS-4606H-LF Datasheet
67Kb / 1P
   Networks
4606M-LF BOURNS-4606M-LF Datasheet
61Kb / 1P
   Networks
4607H-LF BOURNS-4607H-LF Datasheet
61Kb / 1P
   Networks
4310M-LF BOURNS-4310M-LF Datasheet
66Kb / 1P
   Networks
4310R-LF BOURNS-4310R-LF Datasheet
70Kb / 1P
   Networks
4108T-L BOURNS-4108T-L Datasheet
29Kb / 2P
   Networks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com