Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AC10 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54AC10
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AC10 Datasheet(HTML) 4 Page - Texas Instruments

  SN54AC10 Datasheet HTML 1Page - Texas Instruments SN54AC10 Datasheet HTML 2Page - Texas Instruments SN54AC10 Datasheet HTML 3Page - Texas Instruments SN54AC10 Datasheet HTML 4Page - Texas Instruments SN54AC10 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN54AC10, SN74AC10
TRIPLE 3-INPUT POSITIVE-NAND GATES
SCAS529B – AUGUST 1995 – REVISED SEPTEMBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
50% VCC
50 % VCC
VCC
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Open
S1
TEST
tPLH/tPHL
Open
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr v 2.5 ns, tf v 2.5 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54ALS10A TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54F10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
54ACT11010 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54HC10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN5410 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN5412 TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS 1  2  3  4  5  More Texas Instruments
SN54ACT10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54ACT11 TRIPLE 3-INPUT POSITIVE-AND GATES 1  2  3  4  5  Texas Instruments
HD74LS27 Triple 3-input Positive NOR Gates 1  2  3  4  5  Hitachi Semiconductor
DM7427 DM7427 Triple 3-Input NOR Gates 1  2  3  4  National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn