Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-PS4-CM-C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # DMS-PS4-CM-C
Description  Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-PS4-CM-C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  DMS-PS4-CM-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-PS4-CM-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-PS4-CM-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-PS4-CM-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-PS4-CM-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-PS4-CM-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DMS-20PC-4/20 Series
Subminiature 4-20mA Loop-Powered
3½ Digit LED Process Monitors
MPM_DMS20pc-420.C02 Page 6 of 6
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
11/25/08
MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES:
2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
WIRE SIZE:
18 to 26 AWG
(Solid or stranded)
STRIPPING LENGTH:
0.20" (5.08mm)
Back View
Front View
DIP
Switches
Gain/Span
Adjust
Zero/Offset
Adjust
Loop
Input
DP2
(SW5)
DP3
(SW6)
DP1
(SW4)
0.80
(20.3)
0.040
(1.02)
1.30
(33.0)
1.38
(35.1)
0.88
(22.4)
0.95
(24.1)
R3
R7
12
1
1
2
3
4
5
6
+
1
2
3
4
5
6
1
2
+ -


Similar Part No. - DMS-PS4-CM-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-PS4-CM-C MURATA-DMS-PS4-CM-C Datasheet
210Kb / 4P
   0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
More results

Similar Description - DMS-PS4-CM-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20LCD-4 MURATA-PS-DMS-20LCD-4 Datasheet
237Kb / 6P
   4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DM-3100B MURATA-PS-DM-3100B Datasheet
268Kb / 5P
   AC-Powered, 3쩍 Digit LED Digital Panel Meter
logo
Murata Manufacturing Co...
DMS-05V MURATA-DMS-05V Datasheet
210Kb / 4P
   0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
Murata Power Solutions ...
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
   4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
logo
Maxim Integrated Produc...
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
   Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com