Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AC08 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54AC08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54AC08 Datasheet(HTML) 3 Page - Texas Instruments

  SN54AC08 Datasheet HTML 1Page - Texas Instruments SN54AC08 Datasheet HTML 2Page - Texas Instruments SN54AC08 Datasheet HTML 3Page - Texas Instruments SN54AC08 Datasheet HTML 4Page - Texas Instruments SN54AC08 Datasheet HTML 5Page - Texas Instruments SN54AC08 Datasheet HTML 6Page - Texas Instruments SN54AC08 Datasheet HTML 7Page - Texas Instruments SN54AC08 Datasheet HTML 8Page - Texas Instruments SN54AC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54AC08, SN74AC08
QUADRUPLE 2INPUT POSITIVEAND GATES
SCAS536D − SEPTEMBER 1995 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC08
SN74AC08
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = −50 µA
4.5 V
4.4
4.4
4.4
IOH = −50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH = −12 mA
3 V
2.56
2.4
2.46
V
VOH
IOH = −24 mA
4.5 V
3.86
3.7
3.76
V
IOH = −24 mA
5.5 V
4.86
4.7
4.76
IOH = −50 mA†
5.5 V
3.85
IOH = −75 mA†
5.5 V
3.85
3 V
0.002
0.1
0.1
0.1
IOL = 50 µA
4.5 V
0.001
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.001
0.1
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
A or B ports
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
Ci
VI = VCC or GND
5 V
4.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V " 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC08
SN74AC08
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
1.5
7.5
9.5
1
12.5
1
10
ns
tPHL
A or B
Y
1.5
7
8.5
1
11.5
1
9
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V " 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC08
SN74AC08
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
1.5
5.5
7.5
1
9
1
8.5
ns
tPHL
A or B
Y
1.5
5.5
7
1
8.5
1
7.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
20
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn