Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AC08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54AC08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54AC08 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AC08 Datasheet HTML 1Page - Texas Instruments SN54AC08 Datasheet HTML 2Page - Texas Instruments SN54AC08 Datasheet HTML 3Page - Texas Instruments SN54AC08 Datasheet HTML 4Page - Texas Instruments SN54AC08 Datasheet HTML 5Page - Texas Instruments SN54AC08 Datasheet HTML 6Page - Texas Instruments SN54AC08 Datasheet HTML 7Page - Texas Instruments SN54AC08 Datasheet HTML 8Page - Texas Instruments SN54AC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54AC08, SN74AC08
QUADRUPLE 2INPUT POSITIVEAND GATES
SCAS536D − SEPTEMBER 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 7.5 ns at 5 V
SN54AC08 ... J OR W PACKAGE
SN74AC08 ... D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AC08 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’AC08 devices are quadruple 2-input positive-AND gates. These devices perform the Boolean function
Y = A
 B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC08N
SN74AC08N
SOIC − D
Tube
SN74AC08D
AC08
SOIC − D
Tape and reel
SN74AC08DR
AC08
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC08NSR
AC08
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AC08DBR
AC08
TSSOP − PW
Tube
SN74AC08PW
AC08
TSSOP − PW
Tape and reel
SN74AC08PWR
AC08
CDIP − J
Tube
SNJ54AC08J
SNJ54AC08J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC08W
SNJ54AC08W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AC08FK
SNJ54AC08FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn