Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABTH32318 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH32318
Description  18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH32318 Datasheet(HTML) 7 Page - Texas Instruments

  SN74ABTH32318 Datasheet HTML 1Page - Texas Instruments SN74ABTH32318 Datasheet HTML 2Page - Texas Instruments SN74ABTH32318 Datasheet HTML 3Page - Texas Instruments SN74ABTH32318 Datasheet HTML 4Page - Texas Instruments SN74ABTH32318 Datasheet HTML 5Page - Texas Instruments SN74ABTH32318 Datasheet HTML 6Page - Texas Instruments SN74ABTH32318 Datasheet HTML 7Page - Texas Instruments SN74ABTH32318 Datasheet HTML 8Page - Texas Instruments SN74ABTH32318 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABTH32318, SN74ABTH32318
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS180E – JUNE 1992 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABTH32318
SN74ABTH32318
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
A B or C
CBor A
1.4
6.5
1.4
6.1
ns
tPHL
A, B, or C
C, B, or A
1.1
6.8
1.1
6.6
ns
tPLH
SEL
ABor C
1.4
6.7
1.4
6.5
ns
tPHL
SEL
A, B, or C
1.8
6.8
1.8
6.5
ns
tPLH
LE
ABor C
2.6
8
2.6
7.5
ns
tPHL
LE
A, B, or C
2.6
7.4
2.6
6.9
ns
tPLH
CLK
ABor C
2.5
8
2.5
7.4
ns
tPHL
CLK
A, B, or C
2.5
7.2
2.5
6.7
ns
tPZH
OE
ABor C
1.4
6.9
1.4
6.8
ns
tPZL
OE
A, B, or C
2.4
7.2
2.4
7.1
ns
tPHZ
OE
ABor C
1
6.4
1
6.2
ns
tPLZ
OE
A, B, or C
2
6.4
2
6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74ABTH32318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH32318 TI-SN74ABTH32318 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32318PN TI-SN74ABTH32318PN Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32318PNG4 TI-SN74ABTH32318PNG4 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Similar Description - SN74ABTH32318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
National Semiconductor ...
54ABT16500 NSC-54ABT16500 Datasheet
113Kb / 8P
   18-Bit Universal Bus Transceivers with TRI-STATE Outputs
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com