Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABTH25245 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54ABTH25245
Description  25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH25245 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ABTH25245 Datasheet HTML 1Page - Texas Instruments SN54ABTH25245 Datasheet HTML 2Page - Texas Instruments SN54ABTH25245 Datasheet HTML 3Page - Texas Instruments SN54ABTH25245 Datasheet HTML 4Page - Texas Instruments SN54ABTH25245 Datasheet HTML 5Page - Texas Instruments SN54ABTH25245 Datasheet HTML 6Page - Texas Instruments SN54ABTH25245 Datasheet HTML 7Page - Texas Instruments SN54ABTH25245 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN54ABTH25245, SN74ABTH25245
25-
Ω OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS251F – JUNE 1992 – REVISED MAY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABTH25245 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABTH25245 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the DW, JT, and NT packages.
B2
22
B3
20
B4
19
A5
7
A6
9
A7
10
A8
12
A2
3
A3
4
A4
6
OE
A1
1
G3
13
3 EN2 [AB]
B5
18
B6
17
B7
15
B8
14
B1
23
3 EN1 [BA]
24
DIR
1
2


Similar Part No. - SN54ABTH25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH25245 TI-SN54ABTH25245 Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABTH25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH25245DWR TI-SN74ABTH25245DWR Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT25245 TI1-SN54BCT25245_09 Datasheet
270Kb / 7P
[Old version datasheet]   25-OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com