Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABTH25245 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ABTH25245
Description  25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH25245 Datasheet(HTML) 6 Page - Texas Instruments

  SN54ABTH25245 Datasheet HTML 1Page - Texas Instruments SN54ABTH25245 Datasheet HTML 2Page - Texas Instruments SN54ABTH25245 Datasheet HTML 3Page - Texas Instruments SN54ABTH25245 Datasheet HTML 4Page - Texas Instruments SN54ABTH25245 Datasheet HTML 5Page - Texas Instruments SN54ABTH25245 Datasheet HTML 6Page - Texas Instruments SN54ABTH25245 Datasheet HTML 7Page - Texas Instruments SN54ABTH25245 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN54ABTH25245, SN74ABTH25245
25-
Ω OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS251F – JUNE 1992 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABTH25245
SN74ABTH25245
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
2.3
3.5
1
1
3.9
ns
tPHL
A or B
B or A
1
2.4
3.5
1
1
4.3
ns
tPZH
OE
AorB
1.5
3.7
5.4
1.5
1.5
6.5
ns
tPZL
OE
A or B
1.4
4
5.8
1.4
1.4
6.8
ns
tPHZ
OE
AorB
2
4.3
6.1
2
2
7.2
ns
tPLZ
OE
A or B
2
3.9
5.8
2
2
6.4
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABTH25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH25245 TI-SN54ABTH25245 Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABTH25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH25245DWR TI-SN74ABTH25245DWR Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT25245 TI1-SN54BCT25245_09 Datasheet
270Kb / 7P
[Old version datasheet]   25-OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com