Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ABT843FK Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ54ABT843FK
Description  9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ABT843FK Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54ABT843FK Datasheet HTML 1Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 2Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 3Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 4Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 5Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 6Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 7Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 8Page - Texas Instruments SNJ54ABT843FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ABT843, SN74ABT843
9-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS197D – FEBRUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figures 1 and 2)
VCC = 5 V,
TA = 25°C
SN54ABT843
SN74ABT843
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
CLR low
5.5
5.5
5.5
tw
Pulse duration
PRE low
4.5
4.5
4.5
ns
LE low
3.3
3.3
3.4
Data before LE
Low
2.5
2.5
2.5
t
Setup time
Data before LE
High
3
3
3
ns
tsu
Setup time
PRE inactive
1.6
1.6
1.6
ns
CLR inactive
2
2
2
th
Hold time data after LE
High
1
1
1
ns
th
Hold time, data after LE
Low
1.5†
2.3†
1.5†
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT843
SN74ABT843
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
D
Q
1.2†
3.8
5.2
1.2†
7.8
1.2†
6.7†
ns
tPHL
D
Q
1.5†
3.4
6.3
1.5†
7.3
1.5†
7.2
ns
tPLH
LE
Q
1.7†
4.4
5.6
1.7†
8.3
1.7†
7.2†
ns
tPHL
LE
Q
1.9†
4.1
6.3
1.3†
7.2
1.9†
6.9
ns
tPLH
PRE
Q
2.2
5
6.2
2.2
8.3
2.2
7.4
ns
tPHL
PRE
Q
2.1†
4.1
6.5
2.1†
7.5
2.1†
7.2
ns
tPLH
CLR
Q
2†
4.4
6.3
2†
7.6
2†
7.1
ns
tPHL
CLR
Q
1.9†
4.5
6.8
1.9†
8.1
1.9†
8
ns
tPZH
OE
Q
1
3.4
4.5†
1
6.4
1
5.7†
ns
tPZL
OE
Q
2
4.3
5.7†
2
6.6
2
6.5
ns
tPHZ
OE
Q
2.4†
4.9
6.2
2.4†
7.3
2.4†
6.8
ns
tPLZ
OE
Q
1.5†
4.2
6.3
1.5†
7
1.5†
5.9†
ns
† This data sheet limit may vary among suppliers.


Similar Part No. - SNJ54ABT843FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ABT843JT TI1-SNJ54ABT843JT Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ABT843FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS844 TI-SN74AS844 Datasheet
354Kb / 7P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com