Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-GDCWEZX Datasheet(PDF) 5 Page - MRV Communications, Inc.

Part # SFP-GDCWEZX
Description  Gigabit Ethernet CWDM SFP Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-GDCWEZX Datasheet(HTML) 5 Page - MRV Communications, Inc.

  SFP-GDCWEZX Datasheet HTML 1Page - MRV Communications, Inc. SFP-GDCWEZX Datasheet HTML 2Page - MRV Communications, Inc. SFP-GDCWEZX Datasheet HTML 3Page - MRV Communications, Inc. SFP-GDCWEZX Datasheet HTML 4Page - MRV Communications, Inc. SFP-GDCWEZX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Datasheet
MRV-OP-SFPGDCW-061008
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 9131
800-338-5316
818-773-0900
All statements, technical information and recommendations related to the products herein are based upon in
thereof is not guaranteed, and no responsibility is assumed
logo are trademarks of MRV Communications
1
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
formation believed to be reliable or accurate. However, the accuracy or completeness
for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
, Inc. Other trademarks are the property of their respective holders.
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
3020049-001 Rev. A1
Warnings
Handling Precautions: This device is susceptible to damage as a result of electrostatic descharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indeirect radiation.
RoHS directive; China RoHS; USA and Canada UL listing; 21CFR 1040.10, MSA SFF-8074i; SFF-8472; Telecordia GR-468;
Regulatory and Industry Compliances
Outline Drawing
Units in mm(inch)


Similar Part No. - SFP-GDCWEZX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-GD-BD35 MRV-SFP-GD-BD35 Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD35TH MRV-SFP-GD-BD35TH Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD53 MRV-SFP-GD-BD53 Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD53TH MRV-SFP-GD-BD53TH Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BX34 MRV-SFP-GD-BX34 Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
More results

Similar Description - SFP-GDCWEZX

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
logo
Source Photonics, Inc.
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
logo
OPLINK Communications I...
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
logo
Source Photonics, Inc.
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
logo
OPLINK Communications I...
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM-LC-CWDM OPLINK-DTR-1250-SM-LC-CWDM Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com