Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRL2050C Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # SRL2050C
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRL2050C Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  SRL2050C Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRL2050C Datasheet HTML 2Page - MIC GROUP RECTIFIERS SRL2050C Datasheet HTML 3Page - MIC GROUP RECTIFIERS SRL2050C Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
30 t o 60 Volts
SRL2030C THRU SRL2060C
CURRENT
20.0 Amperes
FEATURES
Schottky Barrier Chip
Guard Ring Die Construction for
Transient Protechion
Low Power Loss, High efficiency
High Surge Capability
High Current capacity and Low Forward
Voltage Drop
For use in low voltage high frequency inverters,
Free wheeling, and polarity protection applications
Plastic Material has UL Flammability
Classification 94V-0
MECHANICAL DATA
Case: TO-200AB molded plastic
Terminals: Plated Lead solderable per MIL-STD-202
Method 208
Polarity: As Marked on Body
Weight: 1.7 grams (approx)
Mounting Position: Any
Marking: Type Number
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SRL
2030C
SRL
2035C
SRL
2040C
SRL
2045C
SRL
2050C
SRL
2060C
UNIT
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
35
42
V
Average Rectified Output Current (Note
1)@Tc=95℃
IO
20.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
175
A
Forward Voltage Drop @IF=10A,TC=25℃
VFM
0.55
0.65
V
TC = 25℃
1.0
Peak Reverse Current at Rated
DC Blocking Voltage
TC = 100℃
IRM
50
mA
Typical Junction Capacitance(Note2)
Cj
650
pF
Typical Resistance Junction to case(Note1)
RθJC
2.8
/W
Operating and Storage Temperature Range
TJ TSTG
(-55 to +150)
Notes:
1.
Thermal Resistance Junction to case mounted on heatsink
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC
TO-220AB
Dimensions in inches and (millimeters)


Similar Part No. - SRL2050C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL20100C RECTRON-SRL20100C Datasheet
226Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
SRL20100P RECTRON-SRL20100P Datasheet
245Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SRL20150C RECTRON-SRL20150C Datasheet
102Kb / 5P
   SXHOTKY BARRIER RECTIFIER VOLTAGE RANGE 15 0 Volts CURRENT 20 Ampere
2022-04/52 REV:A
logo
Solid States Devices, I...
SRL2020 SSDI-SRL2020 Datasheet
98Kb / 2P
   HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
   HYPER FAST RECTIFIER
More results

Similar Description - SRL2050C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1630 MIC-SRFL1630 Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 MIC-SRFL1030 Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL1030 MIC-SRBL1030 Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL2030C MIC-SRFL2030C Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL4030P MIC-SRL4030P Datasheet
62Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL5030P MIC-SRL5030P Datasheet
59Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL1630 MIC-SRBL1630 Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL2030C MIC-SRBL2030C Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL1030 MIC-SRL1030 Datasheet
59Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com