Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT863DWRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ABT863DWRE4
Description  9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT863DWRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ABT863DWRE4 Datasheet HTML 1Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 2Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT863DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN54ABT863, SN74ABT863
9-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS201E – FEBRUARY 1991 – REVISED JULY 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
A1
B1
OEBA2
OEAB2
To Eight Other Channels
OEAB1
OEBA1
1
11
13
14
223
Pin numbers shown are for the DB, DW, JT, NT, and PW packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (except I/O ports) (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABT863
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ABT863
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NT package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.


Similar Part No. - SN74ABT863DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT863DWRE4 TI-SN74ABT863DWRE4 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT863DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT863 TI-SN54ABT863_08 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT29863B TI-SN54BCT29863B Datasheet
78Kb / 5P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com