Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRL1040 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRL1040
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRL1040 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRL1040 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRL1040 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
30 to 60 Volts
SRL1030 THRU SRL1060
CURRENT
10.0 Ampere
RATINGE AND CHARACTERISTIC CURVES SRL1030 THRU SRL1060
R
C
F
V
PERCENT OF RATED REVERSE VOLTAGE,( % )
NUMBER OF CYCLES AT 60 Hz
V ,REVERSE VOLTAGE( v)
V ,INSTANTANEOUS FORWARD VOLTAGE( )
T ,CASE TMPERSTRUE(
)
FIG.5-TYPICAL REVERSE
CHARACTERISTICS
FIG4 TYPICAL JUNCTION CAPACITANCE
PER ELEMENT
FIG.3 MAX NON-REPETITIVE SURGE CURRENT
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-FORWARD CURRENT
DERATING CURVE
8.3ms Single Half Sine-Wave
JEDEC Method
T =75
j
T =25
j
T =100
j
T =25
j
2% duty cycle
μ
Pulse Width=300 s
j
T =25
SRL1050-SRL1060
SRL1030-SRL1045
100
10
1.0
0.1
0.01
120
80
40
0
300
250
200
150
100
50
0
100
10
1
100
10
1.0
0.1
100
1000
4000
100
10
1.0
0.8
0.6
0.4
0.2
0.1
100
50
150
0
20
16
12
8
4
0


Similar Part No. - SRL1040

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL1045 RECTRON-SRL1045 Datasheet
256Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL1040

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1630 MIC-SRFL1630 Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 MIC-SRFL1030 Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL1030 MIC-SRBL1030 Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL2030C MIC-SRFL2030C Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL2030C MIC-SRL2030C Datasheet
83Kb / 4P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL4030P MIC-SRL4030P Datasheet
62Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL5030P MIC-SRL5030P Datasheet
59Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL1630 MIC-SRBL1630 Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL2030C MIC-SRBL2030C Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com