Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1635 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRF1635
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF1635 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRF1635 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF1635 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to100 Volts
SRF1620 THRU SRF16200
CURRENT
16.0 Ampere
RESISTIVE OR
INDUCTIVE LOAD
8.3ms Single Hlaf Sine-Wave
JEDEC Method
T =100
T =75
T =25
j
j
j
j
T =25
F=1MHz
SR1620-SR1645
SR1650-SR16100
j
T =25
Pulse Width=200s
2% Duty cycle
CASE TEMPERATURE( )
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
DERATING CURVE
FIG.1-FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE
SURGE CURRENT
FIG.4-TYPICAL FORWARD
CHARACTERISTICS
FIG.3-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTIONCAPACITANCE
RATING AND CHRACTERISTIC CURVES SRF1620 THRU SRF16100


Similar Part No. - SRF1635

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRF1635 MOSPEC-SRF1635 Datasheet
200Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
logo
MIC GROUP RECTIFIERS
SRF1635C MIC-SRF1635C Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
SRF1635CE MOSPEC-SRF1635CE Datasheet
194Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - SRF1635

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com