Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT8996FK Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ABT8996FK
Description  10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT8996FK Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABT8996FK Datasheet HTML 1Page - Texas Instruments SN54ABT8996FK Datasheet HTML 2Page - Texas Instruments SN54ABT8996FK Datasheet HTML 3Page - Texas Instruments SN54ABT8996FK Datasheet HTML 4Page - Texas Instruments SN54ABT8996FK Datasheet HTML 5Page - Texas Instruments SN54ABT8996FK Datasheet HTML 6Page - Texas Instruments SN54ABT8996FK Datasheet HTML 7Page - Texas Instruments SN54ABT8996FK Datasheet HTML 8Page - Texas Instruments SN54ABT8996FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
SN54ABT8996, SN74ABT8996
10-BIT ADDRESSABLE SCAN PORTS
MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SCBS489C – AUGUST 1994 – REVISED APRIL 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
application information
In application, the ASP is used at each of several (serially-chained) groups of IEEE Std 1149.1-compliant
devices. The ASP for each such group is assigned an address (via inputs A9–A0) that is unique from that
assigned to ASPs for the remaining groups. Each ASP is wired at its primary TAP to common (multidrop) TAP
signals (sourced from a central IEEE Std 1149.1 bus master) and fans out its secondary TAP signals to the
specific group of IEEE Std 1149.1-compliant devices with which it is associated. An example is shown in
Figure 1.
ASP
IEEE Std 1149.1-
Compliant
Device Chain
A9–A0
ASP
IEEE Std 1149.1-
Compliant
Device Chain
A9–A0
ASP
IEEE Std 1149.1-
Compliant
Device Chain
A9–A0
TRST
TDO
TMS
TCK
TDI
IEEE
Std
1149.1
Bus
Master
To
Other
Modules
Figure 1. ASP Application
This application allows the ASP to be wired to a 4- or 5-wire multidrop test access bus, such as might be found
on a backplane. Each ASP would then be located on a module, for example a printed-circuit board (PCB), which
contains a serial chain of IEEE Std 1149.1-compliant devices and which would plug into the module-to-module
bus (e.g., backplane). In the complete system, the ASP shadow protocols would allow the selection of the scan
chain on a single module. The selected scan chain could then be controlled, via the multidrop TAP, as if it were
the only scan chain in the system. Normal IR and DR scans can then be performed to accomplish the module
test objectives.
Once scan operations to a given module are complete, another module can be selected in the same fashion,
at which time the ASP-based connection to the first module is dissolved. This procedure can be continued
progressively for each module to be tested. Finally, one of two global addresses can be issued to either leave
all modules unselected (disconnect address, DSA) or to deselect and reset scan chains for all modules (reset
address, RSA).
Additionally, in Pause-DR and Pause-IR TAP states, a third global address (test-synchronization address, TSA)
can be invoked to allow simultaneous TAP-state changes and multicast scan-in operations to selected modules.
This is especially useful in the former case, for allowing selected modules to be moved simultaneously to the
Run-Test-Idle TAP state for module-level or module-to-module built-in self-test (BIST) functions, which operate
synchronously to TCK in that TAP state, and in the latter case, for scanning common test setup/data into multiple
like modules.


Similar Part No. - SN54ABT8996FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT8996 TI1-SN54ABT8996 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54ABT8996W TI1-SN54ABT8996W Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results

Similar Description - SN54ABT8996FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8996-EP TI1-SN74LVT8996-EP Datasheet
764Kb / 42P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORT MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (KTAG) TAP TRANSCEIVER
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com