Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX-5250-16V2C20 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # LX-5250-16V2C20
Description  5250 Power Control Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

LX-5250-16V2C20 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  LX-5250-16V2C20 Datasheet HTML 1Page - MRV Communications, Inc. LX-5250-16V2C20 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
sales@mrv.com
Out-of-Band Networking
Datasheet
LX Series
5250 Power Control Series
The 5250 Power Control Series from MRV Communications delivers
AC power solutions combining intelligent power distribution and remote
power control. A key element of MRV’s Out-of-Band Network solutions,
is providing a powerful, cost-effective approach for remote networks
and systems to ensure minimal operational downtime and eliminate
site visits.
Simple, Secure Remote Network Operations
The 5250 Power Control Series allows administrators to remotely power-
on, power-off or reboot equipment and monitor power consumption.
The 5250 models are accessible through MRV’s LX Series Console
Servers with enhanced security capabilities, including SSH v2, SNMP V3,
Radius, SecurID, TACACS+, and are FIPS 140 certified. The LX Series
provides management through an easy to use browser-based GUI,
extensive command line interface, and MRV’s SNMP based MegaVision
management platform.
The LX Series features allows sophisticated site specific power
management automation. The Trigger/Action feature of the LX Series
allows site administrators to easily automate physical and security
infrastructure control. Additional applications include controlling power
access for lab automation, turning on additional
air conditioning
when needed, or controlling individual power outlets by department or
scheduled activity.
Key Features
• Power cycle individual power outlets to remotely reboot servers
and network devices, anywhere in the world. Or, power-off
unused power receptacles
• High Power Distribution: 120V, 208V, 240V and three-phase
power options. 20 or 30-Amp power input feed
• 8, 16, 24 or 32 ports
• Vertical or horizontal mounting models
• Group outlets by name, within a unit, or across multiple units
• Access controlled through standard security infrastructure,
including Radius, SecurID, TACACS+, LDAP, or local database
• Power-up Sequencing: Prevent an in-rush power overload
• Input Current Monitor: Measure the aggregate current draw on
each power circuit monitor using LED digital display or remotely
• Automated alerts though SNMP, pager, SMS
Applications
• Enterprise data centers
• Remote/branch offices
• Test and development labs
• Utilities
Benefits
• Combine power distribution and remote power management
• Single management interface for service port management and
remote power control
• Easy to use graphical browser interface, Command Line Interface
and SNMP based management options
• Industry leading security features, including Radius, SecurID,
TACACS+, and more.
• Only remote power management vendor to support US
government FIPS 140 security standard.
Console
Server
Dial On
Demand
Private Net/Internet
Mobile Access
Centralized Operations
Critical Elements
~
S
Contact Sensors
Power
Management
Managed Elements


Similar Part No. - LX-5250-16V2C20

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LX-5210-16H1C20 MRV-LX-5210-16H1C20 Datasheet
716Kb / 2P
   5210 Power Control Series
LX-5210-16H1L30 MRV-LX-5210-16H1L30 Datasheet
716Kb / 2P
   5210 Power Control Series
LX-5210-16H2C20 MRV-LX-5210-16H2C20 Datasheet
716Kb / 2P
   5210 Power Control Series
LX-5210-16H2L30 MRV-LX-5210-16H2L30 Datasheet
716Kb / 2P
   5210 Power Control Series
LX-5210-16HEC20 MRV-LX-5210-16HEC20 Datasheet
716Kb / 2P
   5210 Power Control Series
More results

Similar Description - LX-5250-16V2C20

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5606761 PHOENIX-5606761 Datasheet
58Kb / 2P
   Antenna - RAD-ISM-5250-ANT-OMNI-10-N
logo
MRV Communications, Inc...
LX-5210-16H1C20 MRV-LX-5210-16H1C20 Datasheet
716Kb / 2P
   5210 Power Control Series
logo
Pasternack Enterprises,...
PE51126 PASTERNACK-PE51126 Datasheet
66Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz, 3.8dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
logo
Advantech Co., Ltd.
ACK-A004E ADVANTECH-ACK-A004E Datasheet
1Mb / 2P
   Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
logo
Pasternack Enterprises,...
PE51127 PASTERNACK-PE51127 Datasheet
126Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz, 6.0dBi
PE51128 PASTERNACK-PE51128 Datasheet
70Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz, 6 dBi
logo
Kersemi Electronic Co.,...
SF16GZ51 KERSEMI-SF16GZ51 Datasheet
914Kb / 5P
   Medium Power Control
logo
List of Unclassifed Man...
SL440 ETC1-SL440 Datasheet
141Kb / 5P
   POWER CONTROL CIRCUIT
logo
Kersemi Electronic Co.,...
SF1500GX22 KERSEMI-SF1500GX22 Datasheet
704Kb / 3P
   High Power Control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com