Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX-8020S-112DCR Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # LX-8020S-112DCR
Description  LX Series 8000S Console Server
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

LX-8020S-112DCR Datasheet(HTML) 2 Page - MRV Communications, Inc.

  LX-8020S-112DCR Datasheet HTML 1Page - MRV Communications, Inc. LX-8020S-112DCR Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff St.
295 Foster St.
Business Park Moerfelden
Chatsworth, CA 91311
Littleton, MA 01460
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-952-4700
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or
completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.MRV Communications and the
MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
LX-8020S-012DCR
20 ports, dual (36-72V) power
LX-8020S-112DCR
20 ports, modem, dual (36-72) power
LX-8040S-012DCR
40 ports, dual (36-72V) power
LX-8040S-112DCR
40 ports, modem, dual (36-72V) power
Model Name
LX-8020S
LX-8040S
No. of Console Ports (Max) 20
40
Internal Modem Option
Yes
Yes
Discrete Alarms
40
80
Sensor Ports
20
40
Rack Mount Form Factor
19 or 23 in 1U rack unit
19 or 23 in 1U rack unit
Port Speeds
134 bps to 230.4 Kbps
134 bps to 230.4 Kbps
Power Requirements
18 - 36V, dual feed
1.0 Amp
1.0 Amp
36 - 72 V, dual feed
0.75 Amp
Height
4.34 cm, 1.71 in
4.1 cm, 1.62 in
Width
44.4 cm, 17.48 in
44.4 cm, 17.48 in
Depth
25.4 cm, 10 in
25.4 cm, 10 in
Weight
7.9 lbs (3.58 kg)
8.4 lbs (3.81 kg)
General
Network Interface
Two Ethernet/IEEE 802.3 RJ-45 (10/100Base-T)
ports
Serial Interface
RS-232, Modular RJ-45 connectors
Base Memory
16 MB Flash, 128 MB DRAM
Environment Operating
Temperature
32 to 104˚ F (0 to 40˚C) Long Term; -5 to 50˚C
Short Term (DC units only)
Storage Temperature
-40 to 185˚ (-40 to 85˚C)
Humidity
5% to 85% Long Term; 5% to 90% Short Term
(DC units only)
All Models
Emissions/Immunity
FCC Part 15, Class A
Safety
Complies with UL 60950, third edition; CSA
C22.2 No. 60-950-00; CB Scheme certified
Telecommunications
NEBS Level 3; Modem Models:
All modem
models are FCC Part 68, IC CS 03 and CTR21
compliant.
Environmental
Rohs 5/6 compliant
Warranty
3 years
Technical Specifications
Ordering Information
sales@mrv.com
Datasheet
Out-of-Band Networking


Similar Part No. - LX-8020S-112DCR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LX-831 KODENSHI-LX-831 Datasheet
812Kb / 1P
   high-brightness red-green-blue smd top view package
More results

Similar Description - LX-8020S-112DCR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B096016 TRIPPLITE-B096016 Datasheet
487Kb / 3P
   16-Port Serial Console-Terminal Server
B0940082EMF TRIPPLITE-B0940082EMF Datasheet
503Kb / 3P
   8-Port Serial Console-Terminal Server
B096-016 TRIPPLITE-B096-016 Datasheet
486Kb / 4P
   16-Port Serial Console/Terminal Server
B094-008-2E-M-F TRIPPLITE-B094-008-2E-M-F Datasheet
501Kb / 3P
   8-Port Serial Console/Terminal Server
B096-032 TRIPPLITE-B096-032 Datasheet
481Kb / 4P
   32-Port Serial Console/Terminal Server
B096-048 TRIPPLITE-B096-048 Datasheet
482Kb / 4P
   48-Port Serial Console/Terminal Server
B096032 TRIPPLITE-B096032 Datasheet
482Kb / 3P
   32-Port Serial Console-Terminal Server
B096048 TRIPPLITE-B096048 Datasheet
483Kb / 3P
   48-Port Serial Console-Terminal Server
B0940082EV TRIPPLITE-B0940082EV Datasheet
504Kb / 3P
   8-Port Serial Console-Terminal Server with built-in
logo
MRV Communications, Inc...
LX-4000T MRV-LX-4000T Datasheet
408Kb / 2P
   LX Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com