Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316T1-MX Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM316T1-MX
Description  T1 and E1 Fiber Modems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316T1-MX Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM316T1-MX Datasheet HTML 1Page - MRV Communications, Inc. EM316T1-MX Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FD
Datasheet
Media Converters
Repeaters and Optimizers
sales@mrv.com
T1 and E1 Fiber Modems
Overview
The Fiber Driver® family of EM316T1 and EM316E1 modules are designed
to extend the distance and transmission reliability of T1 (1.544Mbps) or
E1 (2.048Mbps) traffic. These units convert electrical signals to optical
signals, and transmit them up to 10 km on multi-mode fiber or up to 100
km on single-mode fiber. The EM316T1 and EM316E1 are transparent to
the framing format, and they support AMI or B8ZS (T1) and HDB3 (E1)
line codes, respectively. They include an internal elastic buffer to remove
jitter from the transmitted data and six LED indicators to aid in managing
the module. A management agent is incorporated on the module for
remote administration from the Fiber Driver Network Management
Module (NMM). As part of the Fiber Driver family, the EM316T1 and
EM316E1 modules fit in all Fiber Driver chassis types, support local and
remote loopback tests, and may connect to any T1 or E1 device including
PBXs, multiplexers, video CODECS, routers, network servers, and ATM/
frame relay switches. Module benefits include extended distances,
improved quality of transmission, better security, remote management
capability, and high density.
For additional information including pricing and availability, contact
your MRV Communications sales representative today.
Features
Fiber converter for T1 (ANSI T1.403) or E1 (G.703)
Built-in elastic buffer to remove jitter
6 LED indicators to help troubleshooting
AMI/B8ZS/HDB3 line code support
Up to 100 km transmission on single-mode or 10 km on
multi-mode fiber
Local and remote loopback test
Hot-swap support
SNMP management
Fiber Driver chassis compatibility


Similar Part No. - EM316T1-MX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316T1E1-XY MRV-EM316T1E1-XY Datasheet
535Kb / 5P
   Hundreds of optional functions in one single module
More results

Similar Description - EM316T1-MX

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
logo
M/A-COM Technology Solu...
28370-BRF-001-A MA-COM-28370-BRF-001-A_15 Datasheet
109Kb / 4P
   T1/E1 Framer and Line Interface
logo
PCA ELECTRONICS INC.
EPA3492S PCA-EPA3492S Datasheet
88Kb / 1P
   T1/E1 and ISDN-PRI Transformer
logo
M/A-COM Technology Solu...
28370-BRF-001-A MA-COM-28370-BRF-001-A Datasheet
109Kb / 4P
   T1/E1 Framer and Line Interface
logo
PCA ELECTRONICS INC.
EPA4027S PCA-EPA4027S Datasheet
88Kb / 1P
   T1/E1 and ISDN-PRI Transformer
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
   T1/E1 Transformer
EPR1501S PCA-EPR1501S Datasheet
44Kb / 1P
   T1/E1 Transformers
logo
XFMRS Inc.
XF0134-EE5S XFMRS-XF0134-EE5S Datasheet
40Kb / 1P
   T1/E1 TRANSFORMER
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
   T1/E1 Transformer
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
   T1/E1 Synchronizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com