Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR4045P Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SR4045P
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR4045P Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SR4045P Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR4045P Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 60 Volts
SR4020P THRU SR40600P
CURRENT
40.0 Ampere
RESISTIVE OR
INDUCTIVE LOAD
8.3ms Single Half Sine-Wave
JEDEC Method
T =125℃
j
j
j
T =75℃
T = 25℃
T = 25
j
Pulse Width=300 s
μ
T = 25
j
F=1MHz
FIG.1-FORWARD CURRENT
DERATING CURVE
SURGE CURRENT
FIG.2-MAXIMUM NON-REPETITIVE
FIG.3-TYPICAL REVERSE
CHARACTERISTICS
FIG.4-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCIONCAPACITANCE
0.1
1
4
10
100
10000
1000
100
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
100
10
1.0
0.1
150
0
100
10
1.0
0.1
0.01
40
30
20
10
0
CASE TEMPERATURE( )
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
RATINGS AND CHARACTERISTIC CURVES SR4020P THRU SR40200P
25
50
75
100
125
150
170
1
2
5
10
20
50
100
350
250
50
SR4020P-SR4030P
SR4080P-SR40100P
SR4035P-SR4060P


Similar Part No. - SR4045P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR4045 SECOS-SR4045 Datasheet
159Kb / 2P
   40.0 AMP Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SR4045 JINANJINGHENG-SR4045 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR4045C RECTRON-SR4045C Datasheet
865Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
SR4045CS RECTRON-SR4045CS Datasheet
293Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR4045CT SY-SR4045CT Datasheet
2Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR4045P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com