Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT861FK Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ABT861FK
Description  10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT861FK Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABT861FK Datasheet HTML 1Page - Texas Instruments SN54ABT861FK Datasheet HTML 2Page - Texas Instruments SN54ABT861FK Datasheet HTML 3Page - Texas Instruments SN54ABT861FK Datasheet HTML 4Page - Texas Instruments SN54ABT861FK Datasheet HTML 5Page - Texas Instruments SN54ABT861FK Datasheet HTML 6Page - Texas Instruments SN54ABT861FK Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54ABT861, SN74ABT861
10-BIT TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS199C – FEBRUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT861
SN74ABT861
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
3.4
4.9
1
5.3
1
5.2
ns
tPHL
A or B
B or A
1
3.2
4.4
1
5
1
4.9†
ns
tPZH
OEAB or OEBA
BorA
1
3.5
5
1
6
1
5.9
ns
tPZL
OEAB or OEBA
B or A
1
4.6
6
1
7
1
6.9
ns
tPHZ
OEAB or OEBA
BorA
2.1
5.3
6.5
2.1
7.6
2.1
7.5
ns
tPLZ
OEAB or OEBA
B or A
1.5
5.3
6.6
1.5
7.2
1.5
7.1
ns
† This limit may vary among suppliers.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT861FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT863 TI-SN54ABT863 Datasheet
264Kb / 12P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT863 TI-SN54ABT863 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT863FK TI-SN54ABT863FK Datasheet
264Kb / 12P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT863JT TI-SN54ABT863JT Datasheet
264Kb / 12P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT863 TI-SN54ABT863_08 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT861FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29861 TI1-SN74ALS29861 Datasheet
141Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT29862B TI1-SN74BCT29862B Datasheet
81Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT245T TI1-CY54FCT245T_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT245T TI-CY54FCT245T Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com