Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316EUSM Datasheet(PDF) 6 Page - MRV Communications, Inc.

Part # EM316EUSM
Description  EUSM??- Ethernet Universal Service Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316EUSM Datasheet(HTML) 6 Page - MRV Communications, Inc.

  EM316EUSM Datasheet HTML 1Page - MRV Communications, Inc. EM316EUSM Datasheet HTML 2Page - MRV Communications, Inc. EM316EUSM Datasheet HTML 3Page - MRV Communications, Inc. EM316EUSM Datasheet HTML 4Page - MRV Communications, Inc. EM316EUSM Datasheet HTML 5Page - MRV Communications, Inc. EM316EUSM Datasheet HTML 6Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff St.
295 Foster St.
Business Park Moerfelden
Chatsworth, CA 91311
Littleton, MA 01460
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-952-4700
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Datasheet
MRV-FD-EUSM-010909
Copyright ©200
9 MRV Communications, Inc. All Rights Reserved.
3020025-001 Rev. A5
Ordering Information
Model
Function
Protocol
Connectors1
Port/Link
Wavelength (nm)
Port / Link
Budget (dB)
Port / Link
Range2
Port / Link
EM316EUSM
Fast and Gigabit Optical Ethernet Universal
Service Module - copper or fiber (SFP-based)
access ports and redundant SFP optical trunks;
advanced remote management 802.3AH with
MRV extensions
Ethernet /
Fast Ethernet /
Gigabit Ethernet
RJ-45 &
SFP/SFP (x2)
N/A or
SFP Dependent
N/A or
SFP Dependent
1-100 m or
SFP Dependent
¹ Default connectors listed, others optional.
² All specifications, distance claims and operational parameters are based on industry average fiber cable performance; 9µ Single-mode performance of 0.25 dB/km for 1550 nm and 0.5 dB/km for
1310 nm, and 62.5µ Multi-mode performance of 3 dB/km for 850 nm and 1.5 dB/km for 1300 nm. For non-standard fiber applications or additional information contact MRV Communications
For additional information including pricing, availability and configuration options, contact your MRV Communication sales
representative.
Physical Specifications
Operating Temperature Range
0
0C to 500C (320F to 1220F)
Storage Temperature
-40
0C to 700C (-400F to 1580F)
Relative Humidity
85% maximum, non-condensing
Approximate Dimensions
25 mm x 90 mm x 175 mm deep (1” x 3.5” x 7” deep)
Approximate Weight
218 g (7.7 oz)
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity; RoHS Directive;
China RoHS; WEEE Directive


Similar Part No. - EM316EUSM

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316EUSM-10G MRV-EM316EUSM-10G Datasheet
720Kb / 4P
   10G Ethernet Universal Service Module
More results

Similar Description - EM316EUSM

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316EUSM-10G MRV-EM316EUSM-10G Datasheet
720Kb / 4P
   10G Ethernet Universal Service Module
logo
JDS Uniphase Corporatio...
RSAM-5600 JDSU-RSAM-5600 Datasheet
294Kb / 6P
   Remote Service Analyzer Module
logo
Level One
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
   Universal Ethernet Interface Adapter
LXT905 LVL1-LXT905 Datasheet
673Kb / 26P
   Universal Ethernet Interface Adapter
logo
Exar Corporation
XRT95L53 EXAR-XRT95L53 Datasheet
77Kb / 4P
   OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
logo
Zilog, Inc.
EZ80F920120MOD ZILOG-EZ80F920120MOD Datasheet
252Kb / 4P
   Ethernet Module
logo
NXP Semiconductors
HEF4753B PHILIPS-HEF4753B Datasheet
95Kb / 10P
   Universal timer module
January 1995
logo
Gamewell-FCI by Honeywe...
USM-8 GAMEWELL-FCI-USM-8 Datasheet
106Kb / 2P
   Universal Signal Module
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
   Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
ADL Embedded Solutions
MSME104R ADL-MSME104R Datasheet
157Kb / 1P
   LAN-Ethernet Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com