Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR506 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SR506
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR506 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SR506 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR506 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SR502 THRU SR510
CURRENT
5.0 Ampere
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
CHARACTERISTICS
2
150
1
0
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
4.0
50
0
0
Single Phase
Inductive or
Half Wave 60Hz
Resistive Load
25
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
° C)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
REVERSE VOLTAGE,(V)
0.375
″(9.5mm)
4
68
1 Cycle
60
1.0
10
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
2.0
6.0
Lead Length
100
50
100
1.4
1.0
0.6
0.2
0.01
0.1
1.0
10
1.2
0
0.4
0.8
SR502-SR504
SR505-SR510
J
T =25
° C
PULSE WIDTH=300
μs
DUTY CYCLE1%
j
5.0
3.0
1.0
60
85
J
T =25
° C
f=1MHz
Vsig=50mV
SR505-SR510
SR502-SR504
120
140
0
0.001
20
0.01
0.1
100
60
40
80
1.0
J
T =125
° C
SR502-SR504
SR505-SR510
T =75
° C
J
T =25
° C
J
RATING AND CHRACTERISTIC CURVES SR502 THRU SR510
10000
1000
100


Similar Part No. - SR506

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR506 MOSPEC-SR506 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Shenzhen Taychipst Elec...
SR506 TAYCHIPST-SR506 Datasheet
9Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SR506 JGD-SR506 Datasheet
147Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR506 LUGUANG-SR506 Datasheet
200Kb / 2P
   5.0 AMP. Schottky Barrier Rectifiers
logo
Diodes Incorporated
SR506 DIODES-SR506 Datasheet
64Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
More results

Similar Description - SR506

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com