Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15A Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # SM15A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM15A Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  SM15A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Breakdown Voltage
6.8 to 200 Volts
SM6.8 THRU SM200CA
Peak Pulse Power
400 Watts
RATING AND CHARACTERISTIC CURVES SM6.8 THRU SM200CA
JEDEC Method
8.3ms Single Half Since-Wave
max
J
=T
J
T
(
8×8×2mm)
0.31×0.31×0.08" COPPER PADS
Resistive or induction load
60 Hz
UNIDIRECTIONAL
VMW
Measured at
Stand-Off
Voltage (
)
Zero Blas
Measured at
Vsig = 50mVp-p
f = 1.0MHz
as Defined by R.E.A.
10/1000usec Waveform
lppm
Peak Value
tf=10use
2
Half Value-lpp
Pulse Width (td)is Defined
as the Point Where the Peak
Current Decays to 50% of lpp
TA=25 ℃
SM200A
SM100
SM91A
SM6.8
TJ=25 ℃
TA=25 ℃
Shown in Figure 3
Non-Repetitive
Pulse Waveform
100
10
1
0
10
20
30
40
50
200
175
150
125
100
75
50
25
0
0
0.25
0.50
0.75
1.00
200
100
10
1.0
10
100
1,000
10,000
4.0
3.0
2.0
1.0
0
0
50
100
150
200
175
150
125
100
75
50
25
0
0
25
50
75
100
10ms
1.0ms
100μs
10μs
1.0μs
0.1μs
0.1
1.0
10
100
td
NUMBER OF CYCLES AT 60Hz
VOLTS
L
T ,LEAD TEMPERATURE ℃
FIG.6- MAXMIUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
FIG.5- STEADY STATE POWER DERATING CURVE
(
BR)
V
,BREALDOWN VOLTAGE,
FIG.4- TYPICAL JUNCTION CAPACITANCE
t, TIME, ms
FIG.3- PULSE WAVEFORM
FIG.2- PULSE DERATING CURVE
FIG.1- PEAK PULSE POWER RATING CURVE
A
T ,AMBIENT TEMPERATURE (℃)
d
t ,PULSE WIDTH, SEC


Similar Part No. - SM15A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM15A ETC2-SM15A Datasheet
40Kb / 1P
   Rat IgG2a Negative Control - Azide Free
More results

Similar Description - SM15A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com