Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15A Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SM15A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM15A Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SM15A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Breakdown Voltage
6.8 to 200 Volts
SM6.8 THRU SM200CA
Peak Pulse Power
400 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE1
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
SM6.8
6.12
7.48
10
5.5
1000
37
10.8
0.06
SM6.8A
6.45
7.14
10
5.8
1000
38.1
10.5
0.06
SM7.5
6.75
8.25
10
6.05
500
34.2
11.7
0.064
SM7.5A
7.13
7.88
10
6.4
500
35.4
11.3
0.064
SM8.2
7.38
9.02
10
6.63
200
32
12.5
0.068
SM8.2A
7.79
8.61
10
7.02
200
33.1
12.1
0.068
SM9.1
8.19
10
1
7.37
50
29
13.8
0.071
SM9.1A
7.65
9.55
1
7.78
50
29.9
13.4
0.071
SM10
9
11
1
8.1
10
26.7
15
0.076
SM10A
9.5
10.5
1
8.55
10
27.6
14.5
0.076
SM11
9.9
12.1
1
8.92
5
24.7
16.2
0.078
SM11A
10.5
11.6
1
9.4
5
25.6
15.6
0.078
SM12
10.8
13.2
1
9372
5
23.1
17.3
0.081
SM12A
11.4
12.6
1
10.2
5
24
16.7
0.081
SM13
11.7
14.3
1
10.5
5
21.1
19
0.084
SM13A
12.4
13.7
1
11.1
5
22
18.2
0.084
SM15
13.5
16.5
1
12.1
5
18.2
22
0.087
SM15A
14.3
15.8
1
12.8
5
18.9
21.2
0.087
SM16
14.4
17.6
1
12.9
5
17
23.5
0.089
SM16A
15.2
16.8
1
13.6
5
17.8
22.5
0.089
SM18
16.2
19.8
1
14.5
5
15.1
26.5
0.091
SM18A
17.1
18.9
1
15.3
5
15.9
25.2
0.091
SM20
18
22
1
16.2
5
13.7
29.1
0.093
SM20A
19
21
1
17.1
5
14.4
27.7
0.093
SM22
19.8
24.2
1
17.8
5
12.5
31.9
0.095
SM22A
20.9
23.1
1
18.8
5
13.1
30.6
0.095
SM24
21.6
26.4
1
19.4
5
11.5
34.7
0.097
SM24A
22.8
25.2
1
20.5
5
12
33.2
0.097
SM27
24.3
29.7
1
21.8
5
10.2
39.1
0.099
SM27A
25.7
28.4
1
23.1
5
10.7
37.5
0.099
SM30
27
33
1
24.3
5
92
43.5
0.1
SM30A
28.5
31.5
1
25.6
5
9.7
41.4
0.1
SM33
29.7
36.3
1
26.8
5
8.4
47.7
0.101
SM33A
31.4
34.7
1
28.2
5
8.8
45.7
0.101
SM36
32.4
39.6
1
29.1
5
7.7
52
0.102
SM36A
34.2
37.8
1
30.8
5
8
49.9
0.102
SM39
35.1
42.9
1
31.6
5
7.1
56.4
0.103
SM39A
37.1
41
1
33.3
5
7.4
53.9
0.103
SM43
38.7
47.3
1
34.8
5
6.5
61.9
0.104
SM43A
40.9
45.2
1
36.8
5
6.7
59.3
0.104
SM47
42.3
51.7
1
38.1
5
5.9
67.8
0.104
SM47A
44.7
49.4
1
40.2
5
6.2
64.8
0.104
SM51
45.7
56.1
1
41.3
5
5.4
73.5
0.105
SM51A
48.5
43.6
1
43.6
5
5.7
70.1
0.105
SM56
50.4
61.6
1
45.4
5
5
80.5
0.106
SM56A
53.2
58.8
1
47.8
5
5.2
77
0.106
SM62
55.8
68.2
1
50.2
5
4.5
89
0.107
SM62A
58.9
65.1
1
53
5
4.7
85
0.107
SM6.8 THRU SM200CA
Breakdown Voltage
6.8 to 200 Volts


Similar Part No. - SM15A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM15A ETC2-SM15A Datasheet
40Kb / 1P
   Rat IgG2a Negative Control - Azide Free
More results

Similar Description - SM15A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com