Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT823DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT823DW
Description  9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT823DW Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT823DW Datasheet HTML 1Page - Texas Instruments SN74ABT823DW Datasheet HTML 2Page - Texas Instruments SN74ABT823DW Datasheet HTML 3Page - Texas Instruments SN74ABT823DW Datasheet HTML 4Page - Texas Instruments SN74ABT823DW Datasheet HTML 5Page - Texas Instruments SN74ABT823DW Datasheet HTML 6Page - Texas Instruments SN74ABT823DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54ABT823, SN74ABT823
9-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS158E – JANUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT823
SN74ABT823
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
125
0
125
0
125
MHz
CLR low
5.5
5.5
5.5
tw
Pulse duration
CLK high
2.9
2.9
2.9
ns
CLK low
3.8
3.8
3.8
CLR inactive
2.5
2.5
2.5
t
Setup time before CLK
Data
2.1
2.1
2.1
ns
tsu
Setup time before CLK
CLKEN high
2
2
2
ns
CLKEN low
3.3
3.3
3.3
Data
1.3
1.3
1.3
th
Hold time after CLK
CLKEN high
1
1
1
ns
CLKEN low
2
2
2
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT823
SN74ABT823
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
125
200
125
125
MHz
tPLH
CLK
Q
2.1
4.3
5.9
2.1
8.1
2.1
6.8
ns
tPHL
CLK
Q
2.2
4.4
6.1
2.2
7
2.2
6.7
ns
tPHL
CLR
Q
2
4.1
6.3
2
7.3
2
7.1
ns
tPZH
OE
Q
1
3
4.7†
1
6.3
1
6†
ns
tPZL
OE
Q
2.2
4.1
5.6
2.2
6.6
2.2
6.5†
ns
tPHZ
OE
Q
2.7
4.8
6.5†
2.7
7.7
2.7
7.5†
ns
tPLZ
OE
Q
1.9
5
6.4
1.9
7.4
1.9
6.9
ns
† This data sheet limit may vary among suppliers.


Similar Part No. - SN74ABT823DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT823DW TI1-SN74ABT823DW Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT823DWR TI1-SN74ABT823DWR Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT823DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI1-SN54ALS29823_15 Datasheet
243Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com