Electronic Components Datasheet Search |
|
EM316EFRM-S2 Datasheet(PDF) 1 Page - MRV Communications, Inc. |
|
EM316EFRM-S2 Datasheet(HTML) 1 Page - MRV Communications, Inc. |
1 / 5 page FD Datasheet Media Converters Repeaters and Optimizers sales@mrv.com Overview Once confined to the LAN or campus environment, Ethernet has been adopted into the growing modern optical infrastructure. It now covers everything from the core of the MAN to the last mile access networks for FTTH (home), FTTS (subscriber), and FTTB (business). Simplicity, scalability, and wide availability of interoperable equipment makes Ethernet a poplular choice for providing seamless end-to-end optical connectivity. Wide acceptance and growing demand reinforces optical Ethernet (OE) as the most cost-effective network infrastructure to deploy and maintain. The Fiber Driver Copper-to-Fiber converter family matches copper Ethernet and Fast Ethernet media to a range of single-mode, multi-mode, and single fiber optical options. The EM316ERM module set connects to 10Base-T Ethernet devices. The EM316FRM modules connect to 10/100Base-TX devices. The EM316EFRM modules connect to either standard Ethernet or Fast Ethernet devices, and includes speed auto- negotiation and automatic MDI/MDI-X detection for matching duplex mode communications. At the heart of the IP-Less™ technology, the onboard “Micro Agent” processor separates the management channel from the data channel. Used in pairs, the media converter modules transmit a logically separate (out of band) management channel that shares the same physical fiber path as the data channel. This channel separation ensures full data bandwidth availability while providing complete Fiber Driver management support including security and immunity from data channel condition variances. The copper-to-fiber media converter family features a standard RJ-45 Ethernet port. The EM316EFRM module includes auto-negotiation and MDI/MDI-X duplex detection as well as manual configuration. Duplex detection allows use of either straight-through or crossover cables for Ethernet connection to an external device. Copper-to-Fiber Media Converters with IP- Less™ Remote Management Features Media Conversion from copper to single-mode or multi-mode fiber --Copper 10Base-T Ethernet to fiber (EM316ERM) --Copper 100Base-TX Ethernet to fiber (EM316FRM) --Copper 10/100Base-TX Ethernet to fiber (EM316EFRM) Secure IP-Less™ remote link management Extra long range links - Beyond 100 kilometers on single-mode - Up to 2 kilometers on multi-mode Manual configuration and auto-negotiation for speed (EM316EFRM) Manual configuration and detection support for MDI/MDI-X duplex mode (EM316EFRM) 802.3u device compatibility Link Integrity Notification (LIN) for end-to-end link state propagation Last Gasp power loss event alerts Remote loopback for trunk link integrity validation Reflection Detection to identify connector type mismatches Hot-swap support Fiber Driver chassis compatibility Key Benefits Cost Saving --No management module at remote sites --Single physical fiber link for data and management Management simplicity and security without loss of data bandwidth --Single fiber with separate data and management channels --No data bandwidth loss from management communications --No interference of management from data channel conditions --Single IP address for full circuit management No worries about signal reflection |
Similar Part No. - EM316EFRM-S2 |
|
Similar Description - EM316EFRM-S2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |