Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316GCL-S2 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM316GCL-S2
Description  Copper-to-Fiber Media Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316GCL-S2 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM316GCL-S2 Datasheet HTML 1Page - MRV Communications, Inc. EM316GCL-S2 Datasheet HTML 2Page - MRV Communications, Inc. EM316GCL-S2 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
2
Specifications*
Operating Temperature Range
0
0C to 500C (320F to 1220F)
Storage Temperature
-40
0C to 700C (-400F to 1580F)
Relative Humidity
85% maximum, non-condensing
Physical Dimensions
25 mm x 75 mm x 175 mm deep (1” x 3” x 7” deep)
Weight
120-240 g (4.2 - 8.5 oz) depending on configuration
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity;
RoHS Directive; China RoHS; WEEE Directive
* Environmental specifications for all components in the system must conform to installation location conditions.
Ordering Information
Model
Function
Protocol
Connectors1
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx.
Range2 (km)
Gigabit Ethernet Dual Fiber
EM316GCL/M
1000Base-T Ethernet to
1000Base-SX Dual Wavelength MM
Gigabit Ethernet
RJ-45/DSC
850
DL3
0 - 0.5
EM316GCL/MX
1000Base-T Ethernet to
1000Base-LX Dual Wavelength Extended MM
Gigabit Ethernet
RJ-45/DSC
1310
DL3
0 - 2
EM316GCL/S1
1000Base-T Ethernet to
1000Base-LX Dual Wavelength SM
Gigabit Ethernet
RJ-45/DSC
1310
6
0 - 10
EM316GCL/S2
1000Base-T Ethernet to
1000Base-LX Dual Wavelength SM
Gigabit Ethernet
RJ-45/DSC
1550
8
0 - 30
EM316GCL/S3
1000Base-T Ethernet to
1000Base-LX Dual Wavelength SM
Gigabit Ethernet
RJ-45/DSC
1550
15
30 - 60
Gigabit Ethernet Dual Wavelength Single Fiber
EM316WGCLC/S2
EM316WGCLT/S2
1000Base-T to1000Base-LX
Dual Wavelength SM
Gigabit Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
12 (@1310 nm)
0 - 25
EM316WGCLC/S3
EM316WGCLT/S3
1000Base-T to1000Base-LX
Dual Wavelength SM
Gigabit Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
20 (@1310 nm)
0 - 40
Ordering Information
Model
Function
Protocol
Connectors1
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx.
Range2 (km)
Fast Ethernet Dual Wavelength Single Fiber
EM316WFC/S2
EM316WFT/S2
100Base-TX to100Base-FX
Dual-Wavelength SM
Fast Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
17 (@1310 nm)
0 - 30
EM316WFC/S3
EM316WFT/S3
100Base-TX to100Base-FX
Dual Wavelength SM
Fast Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
22 (@1310 nm)
0 - 45
EM316WFC/S2JR
EM316WFT/S2JR
100Base-TX to100Base-FX
Dual Wavelength SM
Fast Ethernet
RJ-45/SC
1550 (Tx)/1310 (Rx)
1310 (Tx) 1550 (Rx)
17 (@1310 nm)
0 - 30
EM316WFC/S3JR
EM316WFT/S3JR
100Base-TX to100Base-FX
Dual Wavelength SM
Fast Ethernet
RJ-45/SC
1550 (Tx)/1310 (Rx)
1310 (Tx) 1550 (Rx)
22 (@1310 nm)
0 - 45
DS3 Dual Wavelength Single Fiber
EM316WDS3C/S2
EM316WDS3T/S2
DS3 Coax to Optical Fiber
Dual Wavelength SM
DS3
BNC/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
17 (@1310 nm)
0 - 30
EM316WDS3C/S3
EM316WDS3T/S3
DS3 Coax to Optical Fiber
Dual Wavelength SM
DS3
BNC/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
22 (@1310 nm)
0 - 45
1 Default connectors listed, other connectors are optional
2 All specifications, distance claims and operational parameters are based on industry average fiber cable performance; 9μ Singlemode performance of 0.25 dB/km for 1550
nm and 0.5 dB/km for 1310 nm, and 62.5μ Multimode performance of 3 dB/km for 850 nm and 1.5 dB/km for 1300 nm. For non-standard fiber applications or additional
information contact MRV Communications
3 Dispersion Limited


Similar Part No. - EM316GCL-S2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316GCL-S2 MRV-EM316GCL-S2 Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
More results

Similar Description - EM316GCL-S2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com