Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316F-S3 Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # EM316F-S3
Description  Copper to Fiber Media Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316F-S3 Datasheet(HTML) 4 Page - MRV Communications, Inc.

  EM316F-S3 Datasheet HTML 1Page - MRV Communications, Inc. EM316F-S3 Datasheet HTML 2Page - MRV Communications, Inc. EM316F-S3 Datasheet HTML 3Page - MRV Communications, Inc. EM316F-S3 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Media Converters
Repeaters and Optimizers
MRV-FD-CF-031808
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
1398026-001 Rev. A2
Ordering Information
Model
Function
Protocol
Connectors¹
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx. Range²
(km)
DUAL FIBER
EM316GCL/M
1000Base-TX to 1000Base-SX MM
Gigabit Ethernet
RJ-45/DSC
850
DL³
0 - 0.5
EM316GCL/MX
1000Base-TX to 1000Base-LX Extended MM
Gigabit Ethernet
RJ-45/DSC
1310
DL³
0 - 2
EM316GCL/S1
1000Base-TX to 1000Base-LX SM
Gigabit Ethernet
RJ-45/DSC
1310
6
0 - 10
EM316GCL/S2
1000Base-TX to 1000Base-LX SM
Gigabit Ethernet
RJ-45/DSC
1550
8
0 - 30
EM316GCL/S3
1000Base-TX to 1000Base-LX SM
Gigabit Ethernet
RJ-45/DSC
1550
15
30 - 60
¹ Default connectors listed, other connectors are optional
² All specifications, distance claims and operational parameters are based on industry average fiber cable performance; 9µ Singlemode performance of 0.25 dB/km for 1550
nm and 0.5 dB/km for 1310 nm, and 62.5µ Multimode performance of 3 dB/km for 850 nm and 1.5 dB/km for 1300 nm. For non-standard fiber applications or additional
information contact MRV Communications
³ Dispersion Limited
Ordering Information
Model
Function
Protocol
Connectors¹
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx.
Range²(km)
DUAL WAVELENGTH SINGLE FIBER
EM316WGCLC/S2
EM316WGCLT/S2
1000Base-TX to1000Base-LX Dual-
Wavelength Single Fiber SM
Gigabit Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
12 (@1310 nm)
0 - 25
EM316WGCLC/S3
EM316WGCLT/S3
1000Base-TX to1000Base-FX Dual-
Wavelength Single Fiber SM
Gigabit Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
20 (@1310 nm)
0 - 40


Similar Part No. - EM316F-S3

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-S3 MRV-EM316F-S3 Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
More results

Similar Description - EM316F-S3

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com