Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB4805MD-6W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # PWB4805MD-6W
Description  SINGLE/DUAL OUTPUT DC/DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWB4805MD-6W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  PWB4805MD-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWB4805MD-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice
PWA_MD-6W & PWB_MD-6W
A/1-2008
Page 2 of 2
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Storage Humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
Lead Temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Copper, Nickel plated
Short circuit protection
Continuous, automatic recovery
Isolation voltage
Tested for 1 minute and 1 mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
MTBF
1000
K hours
Weight
17
g
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. See below recommended circuits for more details.
TYPICAL CHARECTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
Safe Operating Area
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
2 3
9
11
14
16
22
23
32.00
2.54
(1.260)
(0.100)
2 3
11
14
16
22
23
2 3
9
11
14
16
22
23
2,3
9
11
14
16
22,23
G ND
NP
NC
+Vo
0V
Vin
GND
COM
-Vo
+Vo
COM
Vin
NC:No connect ion
RECO MMENDED FO OT PRINT
Top view,grid: 2.5 4*2.54mm(0 .1*0.1inch),
di ameter:1.00mm(0 .03 9inch)
Firs t Angle Projection
Dual Output
Single Output
Note:
Unit :mm(inch)
Pin section:0. 50*0 .30mm(0.020*0.012in ch)
Pin tolerances: 0 .10 mm( 0.004 inch)
General tolerances: 0 .25mm( 0.0 10inch)
FO OTPRINT DETAILS
Pin
Single
Dual
5.08
(0.200)
(Bottom View)
(Side View)
APPLICATION NOTE
Requirement On Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure
the specified range of input voltage is not exceeded, the minimum output load no less than
10% load. If the actual load is less than the specified minimum load, the output ripple may
increase sharply while its efficiency and reliability will reduce greatly. If the actual output
power is very sm all, please add an appropriate resistor as extra loading, or contact our
company for other lower output power products.
Recommended Circuit
All the PWA_MD-6W & PWB_MD-6W Series
have been tested according to the following
recommended
testing
circuit
before
leaving
factory. (See Figure 1).
DC
DC
Vin
GND
+Vout
0V
Cin
Vin
GND
+Vout
0V
Cin
DC
DC
-Vout
Single output
(Figure 1)
If you want to further decrease the input/output
ripple, you can increase capacitance properly or
choose capacitors with low ESR. However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of output,
provided the safe and reliable operation is
ensured, the greatest capacitance of its filter
capacitor sees (Table 1). General:
Cin:
24V&48V
10
μF-47μF
Cout: 10
μF/100mA
Output External Capacitor Table (Table 1)
Single Vout
(VDC)
Cout
(uF)
Daul Vout
(VDC)
Cout
(uF)
3.3
2200
±5
680
5
1000
±12
330
12
470
±15
220
15
330
±24
100
24
220
-
-
Input Current
When it is used in unregulated power supply,
be sure that the fluctuating range of the power
supply and the rippled voltage do not exceed the
module standard. Input current of power supply
should afford the startup current of this kind of
DC/DC module (See figure 2), General:
Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.


Similar Part No. - PWB4805MD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWB4805MD-1W5 MORNSUN-PWB4805MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWB4805MD-3W MORNSUN-PWB4805MD-3W Datasheet
135Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - PWB4805MD-6W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com