Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB2415LT-1W5 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PWB2415LT-1W5
Description  SINGLE/DUAL OUTPUT DC/DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWB2415LT-1W5 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PWB2415LT-1W5 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWB2415LT-1W5 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
PWA_LT_1W5 & PWB_LT_1W5
A/2-2008
Page 1 of 2
PWA_LT-1W5 & PWB_LT-1W5 Series
1.5W, WIDE INPUT ISOLATED & REGULATED
SINGLE/DUAL OUTPUT DC/DC CONVERTER
MINIATURE SMD PACKAGE
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max**
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
PWA2405LT-1W5
±5
±150
±15
74
PWA2412LT-1W5*
±12
±63
±6
78
PWA2415LT-1W5*
±15
±50
±5
80
PWB2403LT-1W5*
3.3
455
45
72
PWB2405LT-1W5*
5
300
30
76
PWB2409LT-1W5*
9
167
17
78
PWB2412LT-1W5*
12
125
12
79
PWB2415LT-1W5*
24
9.0-36
40
15
100
10
80
PWA4805LT-1W5*
±5
±150
±15
74
PWA4812LT-1W5*
±12
±63
±6
76
PWA4815LT-1W5*
±15
±50
±5
78
PWB4803LT-1W5*
3.3
455
45
72
PWB4805LT-1W5*
5
300
30
76
PWB4809LT-1W5*
9
167
17
78
PWB4812LT-1W5*
12
125
12
79
PWB4815LT-1W5*
48
18-72
80
15
100
10
80
*Designing.
**Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation Capacitance
Input/Output
85
pF
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output Power
See above products program
0.15
1.5
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
Negative voltage accuracy Refer to recommended circuit
±3
±5
Load Regulation
From 10% to 100% load
±0.5
±1.5*
Line Regulation
Input voltage from low to high
±0.2
±0.75
%
Temperature Drift (Vout)
Refer to recommended circuit
0.03
%/
°C
Output ripple& Noise**
20MHz Bandwidth
35
75
mVp-p
Switching Frequency
100% load, nominal input voltage
300
KHz
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Wide (4:1) Input Range
Short Circuit Protection(automatic recovery)
1500VDC Isolation
Operating Temperature: -40
°C to +85°C
No Heat Sink Required
No external component required
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The PWA_LT-1W5 & PWB_LT-1W5 Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range(voltage range
≤4:1);
2) Where isolation is necessary between input
and output (Isolation Voltage
≤1500 VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
PWA2405LT-1W5
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless
Otherwise specified.
2. See below recommended circuits for more details.


Similar Part No. - PWB2415LT-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWB2415LT-1W5 MORNSUN-PWB2415LT-1W5 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
More results

Similar Description - PWB2415LT-1W5

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com