Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE75 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # P6KE75
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P6KE75 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  P6KE75 Datasheet HTML 1Page - MIC GROUP RECTIFIERS P6KE75 Datasheet HTML 2Page - MIC GROUP RECTIFIERS P6KE75 Datasheet HTML 3Page - MIC GROUP RECTIFIERS P6KE75 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P6KE6.8 THRU P6KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
P6KE6.8J THRU P6KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
600 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated or silastic guard junction (open junction)
600W peak pulse power capability with a 10/1000μs
Waveform, repetition rate (duty cycle): 0.01%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for unidirectional and 5.0ns for bidirectional types
Typical ID less than 1.0μA above 10V
High temperature soldering guaranteed:
265℃/10 seconds, 0.375” (9.5mm) lead length,
51bs.(2.3kg) tension
MECHANICAL DATA
Cass: JEDEC DO-204AC,molded plastic body over
passivated junction
Terminals: Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color bands denotes positive end (cathode)
except for bidirectional types
Mounting position: any
Weight: 0.015 ounces, 0.4 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional use C or CA Suffix for types P6KE6.8 thru P6K440 (e.g. P6KE6.8C, P6KE440CA).
Electrical Characteristics apply in both directions.
Suffix A denotes ±5% tolerance device, No suffix A denotes ±10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform(NOTE1,FIG.1)
PPPM
Minimum 400
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.3)
IPPM
See Table 1
Watt
Steady Stage Power Dissipation at TL=75℃
Lead lengths 0.375”(9.5)(Note2)
PM(AV)
5.0
Amps
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method) (Note3)
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 50.0A for
unidirectional only (NOTE 4)
VF
3.5/5.0
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pad area of 1.6×1.6”(40×40mm) per Fig 5.
3.
Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum.
4.
VF=3.0 Volts max. for devices of V (BR) ≤200V, and VF=5.0V for devices of V(BR)≥200v
DIA.
DIA.
Dimensions in inches and (millimeters)
DO-204AC (DO-15)
.104 (2.6)
.140 (3.6)
.028(0.71)
.034(0.86)
MIN.
1.0(25.4)
MIN.
1.0(25.4)
.230 (5.8)
.300 (7.6)


Similar Part No. - P6KE75

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
P6KE75 YANGJIE-P6KE75 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE75 PANJIT-P6KE75 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Chongqing Pingwei Enter...
P6KE75 CHONGQING-P6KE75 Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
P6KE75 LUGUANG-P6KE75 Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE75 MICROSEMI-P6KE75 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE75

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com