Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT273DWRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ABT273DWRE4
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT273DWRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ABT273DWRE4 Datasheet HTML 1Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 2Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54ABT273, SN74ABT273
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR
SCBS185B – FEBRUARY 1991 – REVISED JANUARY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
1D
3
1D
4
2D
7
3D
R
1
1Q
2
2Q
5
3Q
6
8
4D
13
5D
14
6D
4Q
9
5Q
12
6Q
15
CLR
17
7D
18
8D
11
CLK
7Q
16
8Q
19
C1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
CLK
1D
3
1D
C1
R
1Q
2
2D
4
1D
C1
R
2Q
5
3D
7
1D
C1
R
3Q
6
4D
8
1D
C1
R
4Q
9
5D
13
1D
C1
R
5Q
12
6D
14
1D
C1
R
6Q
15
7D
17
1D
C1
R
7Q
16
8D
18
1D
C1
R
8Q
19
CLR
11
1
CLK(I)
R
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABT273
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ABT273
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
115
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
128
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages,
which use a trace length of zero.


Similar Part No. - SN74ABT273DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT273DWRE4 TI-SN74ABT273DWRE4 Datasheet
592Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
SN74ABT273DWRE4 TI-SN74ABT273DWRE4 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74ABT273DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT273 TI-SN54ABT273_07 Datasheet
592Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
SN54ABT273 TI-SN54ABT273_08 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74LS273 HITACHI-HD74LS273 Datasheet
73Kb / 6P
   Octal D-type Positive-edge-triggered Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS273 RENESAS-HD74LS273 Datasheet
98Kb / 7P
   Octal D-type Positive-edge-triggered Flip-Flops (with Clear)
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com