Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE18 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # P6KE18
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P6KE18 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  P6KE18 Datasheet HTML 1Page - MIC GROUP RECTIFIERS P6KE18 Datasheet HTML 2Page - MIC GROUP RECTIFIERS P6KE18 Datasheet HTML 3Page - MIC GROUP RECTIFIERS P6KE18 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P6KE6.8 THRU P6KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
P6KE6.8J THRU P6KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
600 Watts
RATING AND CHARACTERISTIC CURVES P6KE6.8/J THRU P6KE440CA/J
FIG.6- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
1
NUMBER OF CYCLES AT 60 Hz
100
200
100
10
1 Cycle
0.375
Tj = T jmax
(
JEDEC Method)
8.3ms Single Half Since-Wave
L
T , LEAD TEMPERATURE (℃)
Copper Heat Sinks
1.6"×1.6"×0.04"
(
40×40×1mm)
60HZ Resistive or
inductiive Load
(
BR)
V
,BREAKDOWN VOLTAGE,(V)
2
3
4
10
10
10
10
100
10
1.0
1000
FIG.5- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
Vsig=50mVp-p
Tj=25f=1.0MHZ
Measured at
Zero Bias
MW
Measured at
V
1
3
0
2
4
6
5
0
175
150
125
100
75
50
25
FIG.4- STEADY STATE POWER
DERATING CURVE
t, TIME, ms
0.6
1.0
2.0
3.0
4.0
150
100
50
0.01
0
25
50
75
100
125
150
175
0
25
50
75
100
T , AMBIENT TEMPERATURE (℃)
A
FIG.2- PULSE DERATING CURVE
100
10
1.0
0.1
10ms
0.1μs
1.0μs
10μs
100μs
1.0ms
FIG.1- PEAK PULSE POWER RATING CURVE
d
t ,PULSE WIDTH, us
FIG.3- PULSE WAVEFORM
the Peak Current
Pulse Width (td)
as the Point Where
Decays to 50% of lpp
tf=10use
Peak Value
lppm
Half Value-lpp
2
as Defined by R.E.A.
10/1000usec Waveform
Non-Repetitive
Pulse Waveform Show in Figure 3
TA=25


Similar Part No. - P6KE18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE18 PANJIT-P6KE18 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE18 ZSELEC-P6KE18 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
P6KE18 PANJIT-P6KE18 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Microsemi Corporation
P6KE18 MICROSEMI-P6KE18 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
P6KE18 LRC-P6KE18 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE18

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com