Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E0505D-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # E0505D-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0505D-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E0505D-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0505D-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0505D-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
E_D-2W & F_D-2W
A/2-2009
Page 1 of 3
E_D-2W & F_D-2W Series
2W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
Certificate
E0505D-2W
±5
±200
±20
82
UL CE
E0509D-2W
±9
±111
±12
83
UL CE
E0512D-2W
±12
±84
±9
84
UL CE
E0515D-2W
±15
±67
±7
82
UL CE
F0503D-2W*
3.3
400
40
74
F0505D-2W
5
400
40
81
UL CE
F0509D-2W
9
222
23
83
UL CE
F0512D-2W
12
167
17
83
UL CE
F0515D-2W
5
4.5-5.5
15
133
14
83
UL CE
E1205D-2W
±5
±200
±20
80
UL CE
E1209D-2W
±9
±111
±12
83
UL CE
E1212D-2W
±12
±84
±9
85
UL CE
E1215D-2W
±15
±67
±7
82
UL CE
F1205D-2W
5
400
40
80
UL CE
F1209D-2W
9
222
23
82
UL CE
F1212D-2W
12
167
17
83
UL CE
F1215D-2W
12
10.8-13.2
15
133
14
83
UL CE
E2405D-2W
±5
±200
±20
82
UL CE
E2409D-2W
±9
±111
±12
82
UL CE
E2412D-2W
±12
±84
±9
85
UL CE
E2415D-2W
±15
±67
±7
85
UL CE
F2405D-2W
5
400
40
80
UL CE
F2409D-2W
9
222
23
82
UL CE
F2412D-2W
12
167
17
83
UL CE
F2415D-2W
24
21.6-26.4
15
133
14
84
UL CE
*Designing.
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating Temp. Range
-40
85
Storage Temp. Range
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic (UL94-V0)
Short circuit protection*
1
S
MTBF
3500
K hours
Weight
2.4
g
*Supply voltage must be discontinued at the end of short circuit duration.
● High Efficiency up to 85%
● High Density, High Stability
● 3000VDC Isolation
● DIP Package
● Internal SMD construction
● No Heat sink Required
● Temperature Range: -40°C ~ +85°C
● No External Component Required
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The E_D-2W & F_D-2W Series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1) Where the voltage of the input power supply is
fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage and
the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency
analog
circuits,
and
IGBT power
device driving circuits.
MODEL SELECTION
E0505D-2W
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com


Similar Part No. - E0505D-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0505D-2W REICU-E0505D-2W Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E0505D-2WR2 MORNSUN-E0505D-2WR2 Datasheet
577Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
E0505D-2WR2 REICU-E0505D-2WR2 Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
More results

Similar Description - E0505D-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com